Electronic Components Datasheet Search
  English  ▼

X  

AL5812 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL5812
Description  60V, 150mA ADJUSTABLE LINEAR LED DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5812 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL5812 Datasheet HTML 4Page - Diodes Incorporated AL5812 Datasheet HTML 5Page - Diodes Incorporated AL5812 Datasheet HTML 6Page - Diodes Incorporated AL5812 Datasheet HTML 7Page - Diodes Incorporated AL5812 Datasheet HTML 8Page - Diodes Incorporated AL5812 Datasheet HTML 9Page - Diodes Incorporated AL5812 Datasheet HTML 10Page - Diodes Incorporated AL5812 Datasheet HTML 11Page - Diodes Incorporated AL5812 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AL5812
Document number: DS35616 Rev. 1 - 2
9 of 12
www.diodes.com
September 2012
© Diodes Incorporated
AL5812
Ordering Information
AL5812 XX - XX
Package
FF : U-DFN3030-6
MP : MSOP-8EP
Packing
7 : 7” Tape & Reel
13 : 13” Tape & Reel
Device
Package Code
Packaging
7”/13” Tape and Reel
Quantity
Part Number Suffix
AL5812MP-13
MP
MSOP-8EP
2500/Tape & Reel
-13
AL5812FF-7
FF
U-DFN3030-6
3000/Tape & Reel
-7
Marking Information
(1) MSOP-8EP
(2) U-DFN3030-6
XX : Identification Code
( Top View )
X : A~Z : Green
X
Y
X X
W
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AL5812FF-7
U-DFN3030-6
B9
A~Z : Green
MSOP-8EP
Y : Year : 0~9
W : Week: A~Z : 1~26 week;
a~z : 27~52 week;
z represents 52 and 53 week
(Top View)
Logo
Part Number
8
7
6
5
Y W X E
AL5812
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com