Electronic Components Datasheet Search
  English  ▼

X  

AL5812 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL5812
Description  60V, 150mA ADJUSTABLE LINEAR LED DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5812 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL5812 Datasheet HTML 1Page - Diodes Incorporated AL5812 Datasheet HTML 2Page - Diodes Incorporated AL5812 Datasheet HTML 3Page - Diodes Incorporated AL5812 Datasheet HTML 4Page - Diodes Incorporated AL5812 Datasheet HTML 5Page - Diodes Incorporated AL5812 Datasheet HTML 6Page - Diodes Incorporated AL5812 Datasheet HTML 7Page - Diodes Incorporated AL5812 Datasheet HTML 8Page - Diodes Incorporated AL5812 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AL5812
Document number: DS35616 Rev. 1 - 2
4 of 12
www.diodes.com
September 2012
© Diodes Incorporated
AL5812
Electrical Characteristics (@TA = +25°C, V
CC= 3.5V, VLED=1V (Note 10), RSET = 7.5kΩ unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRSET
RSET Voltage
TA = -40°C to +125°C
0.5
V
ILED
ILED Current Accuracy
RSET = 12.5kΩ
TA = +25°C
57
60
63
mA
RSET = 4.99kΩ
142.5
150
157.5
RSET = 7.5kΩ
97
100
103
TA = -40°C to +125°C
95
105
REGLINE
LED Current Line Regulation
VCC = 3.5V to 60V
TA = +25°C
0.25
%
UVLO
Under Voltage Lockout
TA = -40°C to +125°C
2
V
ICC
Supply Current
3.5V
≤ V
CC ≤ 60V
TA = +25°C
320
400
µA
TA = -40°C to +125°C
500
ILEAK
LED Pin Leakage Current
VCC = VLED = 60V
RSET = Open Circuit
TA = +125°C
1
µA
TSHDN
Thermal Shutdown
155
°C
THYS
Thermal Shutdown Hysteresis
20
°C
Note:
10. All voltages unless otherwise stated are measured with respect to GND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com