Electronic Components Datasheet Search
  English  ▼

X  

LPC810M021FN8 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 43Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 44Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 45Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 46Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 47Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 48Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 49Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 50Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
47 of 313
NXP Semiconductors
UM10601
Chapter 5: LPC800 Reduced power modes and Power Management
5.7.2 Reduced power modes and WWDT lock features
The WWDT clock select lock feature influences the power consumption in any of the
power modes because locking the WWDT clock source forces the selected WWDT clock
source to be on independently of the Deep-sleep and Power-down mode software
configuration through the PDSLEEPCFG register. For details see Section 12.5.3 “Using
the WWDT lock features”.
If the part uses Deep-sleep mode with the WWDT running, the watchdog oscillator is the
preferred clock source as it minimizes power consumption. If the clock source is not
locked, the watchdog oscillator must be powered by using the PDSLEEPCFG register.
Alternatively, the IRC may be selected and locked in WWDT MOD register, which forces
the IRC on during Deep-sleep mode.
If the part uses Power-down mode with the WWDT running, the watchdog oscillator must
be selected as the clock source. If the clock source is not locked, the watchdog oscillator
must be powered by using the PDSLEEPCFG register. Do not lock the clock source with
the IRC selected.
5.7.3 Active mode
In Active mode, the ARM Cortex-M0 core and memories are clocked by the system clock,
and peripherals are clocked by the system clock or a dedicated peripheral clock.
The chip is in Active mode after reset and the default power configuration is determined
by the reset values of the PDRUNCFG and SYSAHBCLKCTRL registers. The power
configuration can be changed during run time.
5.7.3.1 Power configuration in Active mode
Power consumption in Active mode is determined by the following configuration choices:
• The SYSAHBCLKCTRL register controls which memories and peripherals are
running (Table 18).
• The power to various analog blocks (PLL, oscillators, the ADC, the BOD circuit, and
the flash block) can be controlled at any time individually through the PDRUNCFG
register (Table 37 “Power configuration register (PDRUNCFG, address 0x4004 8238)
bit description”).
• The clock source for the system clock can be selected from the IRC (default), the
system oscillator, or the watchdog oscillator (see Figure 3 and related registers).
• The system clock frequency can be selected by the SYSPLLCTRL (Table 8) and the
SYSAHBCLKDIV register (Table 17).
• The USART and CLKOUT use individual peripheral clocks with their own clock
dividers. The peripheral clocks can be shut down through the corresponding clock
divider registers.
5.7.4 Sleep mode
In Sleep mode, the system clock to the ARM Cortex-M0+ core is stopped and execution of
instructions is suspended until either a reset or an interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com