Electronic Components Datasheet Search
  English  ▼

X  

LPC810M021FN8 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 78Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 79Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 80Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 81Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 82Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 83Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 84Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 85Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
82 of 313
8.1 How to read this chapter
The pin interrupt generator and the pattern match engine are available on all LPC800
parts.
8.2 Features
• Pin interrupts
–
Up to eight pins can be selected from all GPIO pins as edge- or level-sensitive
interrupt requests. Each request creates a separate interrupt in the NVIC.
–
Edge-sensitive interrupt pins can interrupt on rising or falling edges or both.
–
Level-sensitive interrupt pins can be HIGH- or LOW-active.
• Pattern match engine
–
Up to 8 pins can be selected from all GPIO pins to contribute to a boolean
expression. The boolean expression consists of specified levels and/or transitions
on various combinations of these pins.
–
Each bit slice minterm (product term) comprising the specified boolean expression
can generate its own, dedicated interrupt request.
–
Any occurrence of a pattern match can be programmed to also generate an RXEV
notification to the ARM CPU. The RXEV signal can be connected to a pin.
–
Feature can be used, in conjunction with software, to create complex state
machines based on pin inputs.
8.3 Basic configuration
• Pin interrupts:
–
Select up to eight external interrupt pins from all GPIO port pins in the SYSCON
block (Table 32). The pin selection process is the same for pin interrupts and the
pattern match engine. The two features are mutually exclusive.
–
Enable the clock to the pin interrupt register block in the SYSAHBCLKCTRL
register (Table 18, bit 6).
–
If you want to use the pin interrupts to wake up the part from deep-sleep mode or
power-down mode, enable the pin interrupt wake-up feature in the STARTERP0
register (Table 33).
–
Each selected pin interrupt is assigned to one interrupt in the NVIC (interrupts #24
to #31 for pin interrupts 0 to 7).
• Pattern match engine:
–
Select up to eight external pins from all GPIO port pins in the SYSCON block
(Table 32). The pin selection process is the same for pin interrupts and the pattern
match engine. The two features are mutually exclusive.
UM10601
Chapter 8: LPC800 Pin interrupts/pattern match engine
Rev. 1.0 — 7 November 2012
Preliminary user manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com