Electronic Components Datasheet Search
  English  ▼

X  

LPC810M021FN8 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 53Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 54Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 55Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 56Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 57Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 58Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 59Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 60Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
57 of 313
NXP Semiconductors
UM10601
Chapter 6: LPC800 I/O configuration (IOCON)
6.5 Register description
Each port pin PIOn_m has one IOCON register assigned to control the pin’s function and
electrical characteristics.
6.5.1 PIO0_17 register
Table 48.
Register overview: I/O configuration (base address 0x4004 4000)
Name
Access
Address
offset
Description
Reset value
Reference
PIO0_17
R/W
0x000
I/O configuration for pin PIO0_17
0x0000 0090
Table 49
PIO0_13
R/W
0x004
I/O configuration for pin PIO0_13
0x0000 0090
Table 50
PIO0_12
R/W
0x008
I/O configuration for pin PIO0_12
0x0000 0090
Table 51
PIO0_5
R/W
0x00C
I/O configuration for pin PIO0_5/RESET 0x0000 0090
Table 52
PIO0_4
R/W
0x010
I/O configuration for pin PIO0_4
0x0000 0090
Table 53
PIO0_3
R/W
0x014
I/O configuration for pin
PIO0_3/SWCLK
0x0000 0090
Table 54
PIO0_2
R/W
0x018
I/O configuration for pin PIO0_2/SWDIO 0x0000 0090
Table 55
PIO0_11
R/W
0x01C
I/O configuration for pin PIO0_11. This
is the pin configuration for the true
open-drain pin.
0x0000 0080
Table 56
PIO0_10
R/W
0x020
I/O configuration for pin PIO0_10. This
is the pin configuration for the true
open-drain pin.
0x0000 0080
Table 57
PIO0_16
R/W
0x024
I/O configuration for pin PIO0_16
0x0000 0090
Table 58
PIO0_15
R/W
0x028
I/O configuration for pin PIO0_15
0x0000 0090
Table 59
PIO0_1
R/W
0x02C
I/O configuration for pin
PIO0_1/ACMP_I1/CLKIN
0x0000 0090
Table 60
-
-
0x030
Reserved
-
-
PIO0_9
R/W
0x034
I/O configuration for pin
PIO0_9/XTALOUT
0x0000 0090
Table 61
PIO0_8
R/W
0x038
I/O configuration for pin PIO0_8/XTALIN 0x0000 0090
Table 62
PIO0_7
R/W
0x03C
I/O configuration for pin PIO0_7
0x0000 0090
Table 63
PIO0_6
R/W
0x040
I/O configuration for pin
PIO0_6/VDDCMP
0x0000 0090
Table 64
PIO0_0
R/W
0x044
I/O configuration for pin
PIO0_0/ACMP_I0
0x0000 0090
Table 65
PIO0_14
R/W
0x048
I/O configuration for pin PIO0_14
0x0000 0090
Table 66
Table 49.
PIO0_17 register (PIO0_17, address 0x4004 4000) bit description
Bit
Symbol
Value
Description
Reset
value
2:0
-
Reserved.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com