Electronic Components Datasheet Search
  English  ▼

X  

THC7984 Datasheet(PDF) 2 Page - THine Electronics, Inc.

Part # THC7984
Description  10-bit 3-channel Video Signal Digitizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC7984 Datasheet(HTML) 2 Page - THine Electronics, Inc.

  THC7984 Datasheet HTML 1Page - THine Electronics, Inc. THC7984 Datasheet HTML 2Page - THine Electronics, Inc. THC7984 Datasheet HTML 3Page - THine Electronics, Inc. THC7984 Datasheet HTML 4Page - THine Electronics, Inc. THC7984 Datasheet HTML 5Page - THine Electronics, Inc. THC7984 Datasheet HTML 6Page - THine Electronics, Inc. THC7984 Datasheet HTML 7Page - THine Electronics, Inc. THC7984 Datasheet HTML 8Page - THine Electronics, Inc. THC7984 Datasheet HTML 9Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
THC7984_Rev.1.00_E
2 / 45
THine Electronics, Inc.
Copyright©2009 THine Electronics, Inc.
Specifications
V D =1.8V , V D D =3.3V , P V D =1.8 V , D A V D D =1.8V , A D C C lo c k = M a x im u m C o nv ers ion R ate, F ull T e m p erature R a ng e=0° C to 70° C
A n alo g Input V o lta ge=0 .5 to 1.0V pp
Min
T y p
M a x
N u m b e r o f B its
10
B its
LS B Siz e
0.098
%F S
25° C
I
± 0 .7 5
± 1
L S B
F u ll
V I
-1.0/+1.25
L S B
2 5 ° C
I
±1 .5
±3
L S B
Fu ll
V I
± 4
LS B
N o M is s in g C o d e
25° C
I
G uara nteed
M inim u m In put V o ltage
F ull
V I
0 .5
V p-p
M a xim u m In put V o lta g e
F ull
V I
1 .0
V p-p
G a in T em pco
25° C
V
100
ppm /° C
25° C
IV
1
µA
Fu ll
IV
1
µ A
In p u t O ffs e t V o lta ge
F u ll
V I
± 1
L S B
In p u t F u ll- S c ale M a tching
B e tw een C h annels
Fu ll
V I
0 .2
0 .8
%
O ffset A djustm en t R a n ge
F u ll
V I
50
%F S
M a x im u m C o nv e rs io n R a te
F ull
V I
1 70
M S P S
M inim u m C o nvers io n R ate
F ull
IV
1 0
M S P S
Da ta S e tu p T im e to C lo ck
* 2
F u ll
IV
0.4 8 T p ix el-2.1
n s
D a ta H old T im e to C lo c k
* 2
F u ll
IV
0.4 8 T p ix el-0.4
n s
Du ty C y cle, D A T A C K
* 2
F u ll
IV
40
50
60
%
H S Y N C In put F requ ency
F u ll
IV
15
110
kH z
Ma x im u m P L L C lo c k R a te
F u ll
V I
1 7 0
M H z
M in imu m P L L C lo c k R a te
F u ll
IV
1 0
M H z
PL L J itte r
* 3
25° C
V
500
ps p -p
S a m p lin g P h as e T e m p co
F u ll
IV
15
ps/° C
S C L C lock F requency ( fS C L )
F u ll
IV
1 0 0
kH z
tB U F F
F u ll
IV
4 .7
µ s
tS T A H
F u ll
IV
4 .0
µ s
tD H O
F u ll
IV
0
3 .4 5
µ s
tD A L
F u ll
IV
4 .7
µ s
tD A H
F u ll
IV
4 .0
µ s
tD S U
F u ll
IV
2 5 0
n s
tS T A S U
F u ll
IV
4 .7
µ s
tS T O S U
F u ll
IV
4 .0
µ s
T r
F u ll
IV
1000
ns
T f
F u ll
IV
150
ns
C a p a c itiv e L o a d ( C b )
F u ll
IV
4 0 0
p F
N o ise m a rg in a t th e L O W le v e l ( V n L )
F u ll
IV
0 .2
V
N o is e m a rg in a t th e H IG H le v e l ( V n H )
F u ll
IV
0.25
V
In p u t V o lta g e , H ig h (V IH )
F u ll
V I
1 .4
V
In p u t V o lta g e , L o w (V IL )
F u ll
V I
0 .8
V
In put C u rrent, H ig h (IIH )
F ull
V
10
µA
In put C u rren t, L o w (IIL )
F ull
V
10
µA
In pu t C a pacita nce
25° C
V
2
p F
O u tp u t V o lta ge , H igh (VO H )
F u ll
VI
VD D - 0 .2
V
O u tp u t V o lta g e , L o w (V O L )
F u ll
V I
0 .2
V
Ou tp u t C o d in g
Bin a ry
V D S upp ly V o ltag e
F ull
IV
1 .7
1.8
1 .9
V
VDD S u p p ly Vo lta ge
F u ll
IV
2 .3
3 .3
3 .4 5
V
P V D S u p p ly V olta g e
F u ll
IV
1.7
1 .8
1.9
V
DA V D D S u p p ly V o lta ge
F u ll
IV
1 .7
1 .8
1 .9
V
ID S upply C u rrent (V D )
25° C
V
295
m A
ID D S u pp ly C urrent (V D D )
* 4
25° C
V
180
m A
IP V D S upply C u rrent (P V D )
25° C
V
30
m A
ID A V D D S upply C u rrent (D A V D D )
25° C
V
65
m A
T o ta l P o w e r D iss ip atio n
F ull
V I
1350
m W
P o w e r- D o w n S upply C u rrent
F u ll
V I
10
20
m A
P o we r- D o wn D is sip a tio n
F u ll
V I
20
40
m W
O p eratin g A m bient T em pera tu re
IV
0
7 0
° C
θ J C J unctio n-to- C a se
T herm a l R e sistance
25° C
V
4
° C / W
θ J A J unctio n-to - A m bient
T herm a l R e s is tance
25° C
V
37
° C /W
*1 In put B ias V o lta ge : 0.05V to V D -0.05V
*2 S ee "D ata/C lo c k O u tp ut T es t C o nditio n".
*3 T H C 7984-17: U X G A @ 60H z
*4 O u tp ut L o a d C a pacita nce per P in : 15p F
Te m p
In te gra l N o n lin e a rity
2-W IR E S E R IA L
IN T E R F A C E
D C A C C U R A C Y
D iffe rentia l N o nlinearity
RE S O L U T IO N
Pa ra m e te r
TH ER M A L
CHARACT E RIS T IC S
T H C 7984- 17
Un it
D IG ITA L IN P U TS
PO W E R S U PP L Y
ANA L O G INPUT
In put B ias C urrent
*1
D IG ITA L O U TP U T S
S W IT C H IN G
PE RF O R M A NCE
Te st
Le v e l
EXPLANATION OF TEST LEVELS
Test Level
I. 100% production tested.
II. 100% production tested at +25°C and sample tested at specified temperatures.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization testing.
V. Parameter is a typical value only.
VI. 100% production tested at +25°C; guaranteed by design and characterization testing.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com