Electronic Components Datasheet Search
  English  ▼

X  

THC7984 Datasheet(PDF) 3 Page - THine Electronics, Inc.

Part # THC7984
Description  10-bit 3-channel Video Signal Digitizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC7984 Datasheet(HTML) 3 Page - THine Electronics, Inc.

  THC7984 Datasheet HTML 1Page - THine Electronics, Inc. THC7984 Datasheet HTML 2Page - THine Electronics, Inc. THC7984 Datasheet HTML 3Page - THine Electronics, Inc. THC7984 Datasheet HTML 4Page - THine Electronics, Inc. THC7984 Datasheet HTML 5Page - THine Electronics, Inc. THC7984 Datasheet HTML 6Page - THine Electronics, Inc. THC7984 Datasheet HTML 7Page - THine Electronics, Inc. THC7984 Datasheet HTML 8Page - THine Electronics, Inc. THC7984 Datasheet HTML 9Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
THC7984_Rev.1.00_E
3 / 45
THine Electronics, Inc.
Copyright©2009 THine Electronics, Inc.
Absolute Maximum Ratings
Pin Configuration
50%
80%
20%
VDD
GND
Data Setup Time
DATA
DATACK
< Data Setup/Hold Time to Clock >
10pF
33ohm
THC7984
Probe
< Data /Clock Output Test Condition >
Output Drive Strength (VDD=3.3V) : Medium
DATACK: Pixel Clock
DATACK Phase: 4
Output Format: Normal (not DDR)
*DATACK output phase is register programmable.
Data Hold Time
Tpixel
Parameter
Min
Max
Unit
VD
2.1
V
VDD
3.8
V
PVD
2.1
V
DAVDD
2.1
V
Analog Inputs
-0.2
VD+0.2 or 2.1
*1
V
Digital Inputs
-0.3
PVD+3.6 or 5.5V
*1
V
Storage Temperature
-55
150
°C
Maximum Junction Temperature
125
°C
*1 Smaller Value is adopted.
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
2
3
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
41
VD
BAIN0
RAIN0
SOGIN0
GAIN1
SOGIN1
VD
GND
GND
VD
RAIN1
GAIN0
GND
REFCM
BAIN1
VD
GND
RST
REFLO
REFHI
DAVDD
THC7984
Top View
GREEN<9>
GREEN<8>
GREEN<7>
GREEN<6>
GREEN<5>
GREEN<4>
GREEN<3>
GREEN<2>
GREEN<1>
GREEN<0>
VDD
GND
BLUE<9>
BLUE<8>
BLUE<7>
BLUE<6>
BLUE<5>
BLUE<4>
BLUE<3>



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com