Electronic Components Datasheet Search
  English  ▼

X  

THC7984 Datasheet(PDF) 4 Page - THine Electronics, Inc.

Part # THC7984
Description  10-bit 3-channel Video Signal Digitizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC7984 Datasheet(HTML) 4 Page - THine Electronics, Inc.

  THC7984 Datasheet HTML 1Page - THine Electronics, Inc. THC7984 Datasheet HTML 2Page - THine Electronics, Inc. THC7984 Datasheet HTML 3Page - THine Electronics, Inc. THC7984 Datasheet HTML 4Page - THine Electronics, Inc. THC7984 Datasheet HTML 5Page - THine Electronics, Inc. THC7984 Datasheet HTML 6Page - THine Electronics, Inc. THC7984 Datasheet HTML 7Page - THine Electronics, Inc. THC7984 Datasheet HTML 8Page - THine Electronics, Inc. THC7984 Datasheet HTML 9Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
THC7984_Rev.1.00_E
4 / 45
THine Electronics, Inc.
Copyright©2009 THine Electronics, Inc.
Pin List
Pin Name
Type
Function
VD
P
Analog Power Supply
VDD
P
Output Power Supply
PVD
P
PLL Power Supply
DAVDD
P
Digital Core Power Supply
GND
P
Ground
BAIN0
AI
B-ch Analog Input, Port 0
BAIN1
AI
B-ch Analog Input, Port 1
GAIN0
AI
G-ch Analog Input, Port 0
SOGIN0
AI
Sync on Green Input, Port 0
GAIN1
AI
G-ch Analog Input, Port 1
SOGIN1
AI
Sync on Green Input, Port 1
RAIN0
AI
R-ch Analog Input, Port 0
RAIN1
AI
R-ch Analog Input, Port 1
RST
DI
Reset Input
Low: Normal Operation
High: Power Down (Stand-by)
High -> Low: Chip Reset
REFLO
-
Connection for External Capacitor
REFCM
-
Connection for External Capacitor
REFHI
-
Connection for External Capacitor
O/E FIELD
DO
Field Parity Output for Interlaced Video
<Other Function>
Data Enable (DE) Output
Sync Processor IRQ Output
VSOUT/A0
DIO
VSYNC Output / Serial Interface Device Address bit 0 (A0)
HSOUT
DO
HSYNC Output
SOGOUT
DO
SOG Slicer Output
DATACK
DO
Data Clock Output
RED<9:0>
DO
R-ch Data Output
GREEN<9:0>
DO
G-ch Data Output
BLUE<9:0>
DO
B-ch Data Output
SCL
DI
Serial Port Data Clock Input
SDA
DIO
Serial Port Data I/O
HSYNC1
DI
HSYNC Input, Port 1
VSYNC1
DI
VSYNC Input, Port 1
HSYNC0
DI
HSYNC Input, Port 0
VSYNC0
DI
VSYNC Input, Port 0
EXTCLK/COAST
DI
External Clock Input / Coast Signal Input
CLAMP
DI
External Clamp Pulse Input
<Other Function>
Reference Clock Input for HSYNC Period Measure
FILT
-
Connection for PLL Loop Filter
P:Power AI:Analog Input DI:Digital Input DO:Digital Output DIO:Digital Input/Output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com