Electronic Components Datasheet Search
  English  ▼

X  

WM3100 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM3100
Description  High Performance Stereo 2Vrms Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM3100 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM3100 Datasheet HTML 4Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 5Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 6Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 7Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 8Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 9Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 10Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 11Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
WM3100
Preliminary Technical Data
w
PTD, October 2010, Rev 2.0
8
Figure 3 Differential Line Input
OUTPUT SIGNAL PATH
The WM3100 provides two line output channels, which each support a peak output voltage of ±2.97V
(6.4dBV or 2.1VRMS sine wave) when operating with a 3.3V supply.
The line outputs are ground-referenced, removing the requirement for DC-blocking capacitors.
The WM3100 provides an internal low-pass filter (LPF) on the output paths. It is also recommended
to connect an external analogue low pass filter to the output pins. This ensures that all out-of-band
noise is filtered, and improves the maximum load capacitance rating, as noted in the “Electrical
Characteristics”.
There are many suitable LPF architectures, but a simple RC filter is recommended, as illustrated in
Figure 4. The filter shown here has a -3dB cut-off frequency of approximately 105kHz, and a droop of
-0.15dB at 20kHz.
Figure 4 Line Output Low Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com