Electronic Components Datasheet Search
  English  ▼

X  

WM3100 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM3100
Description  High Performance Stereo 2Vrms Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM3100 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM3100 Datasheet HTML 5Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 6Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 7Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 8Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 9Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 10Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 11Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 12Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 13Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Preliminary Technical Data
WM3100
w
PTD, October 2010, Rev 2.0
9
CHARGE PUMP
The WM3100 incorporates a charge pump circuit, which generates the negative supply rail for the
line output drivers. The charge pump is powered from VDD, and generates the negative supply
CPVOUTN. The switching clock for the charge pump is generated internally.
The external connections for the charge pump are illustrated in Figure 5. A fly-back capacitor is
connected between the CPCA and CPCB pins. A de-coupling capacitor is required on CPVOUTN.
Note that an input decoupling capacitor is also recommended on the VDD pin.
Figure 5 External Connections for Charge Pump
DIGITAL CONTROL INPUTS
The WM3100 supports two digital control inputs, as described below.
The OUTMODE pin selects between normal operation and high-impedance mute state. A logic ‘1’
input selects the high-impedance state, in which the outputs are muted and un-driven. This mode
enables the external connectors to support other functions without interference from the WM3100
drivers. A logic ‘0’ input selects normal operation.
The MUTE
¯¯¯¯¯ pin selects between normal operation and muted output mode. This is an “active low”
input pin. A logic ‘0’ input enables the mute function. A logic ‘1’ input selects normal operation.
Note that the MUTE
¯¯¯¯¯ pin has no function when the OUTMODE pin is asserted.
The digital control inputs are summarised in Table 1.
INPUT
DESCRIPTION
OUTMODE
Output mode control pin
0 = Normal operation
1 = High impedance mute state
MUTE
¯¯¯¯¯
Mute control (only valid when OUTMODE = 0)
0 = Output muted
1 = Normal operation
Table 1 Digital Control Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com