Electronic Components Datasheet Search
  English  ▼

X  

WM3100 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM3100
Description  High Performance Stereo 2Vrms Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM3100 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM3100 Datasheet HTML 5Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 6Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 7Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 8Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 9Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 10Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 11Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 12Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 13Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
WM3100
Preliminary Technical Data
w
PTD, October 2010, Rev 2.0
10
RECOMMENDED EXTERNAL COMPONENTS
AUDIO INPUT PATHS
A DC-blocking input capacitor is required on each input pin that is used. A single capacitor is
required for a single-ended connection; for differential connection, a capacitor is required on both
input pins. Unused input pins must be connected to ground.
For typical applications, a 1
μF capacitor is recommended. Tantalum electrolytic capacitors are
particularly suitable as they offer high stability in a small package size.
AUDIO OUTPUT PATHS
An analogue low-pass filter is recommended on each line output. A simple RC filter comprising a
560Ω resistor and a 2.7nF capacitor is suitable. Ceramic capacitors with C0G / NP0 dielectric are
recommended.
POWER SUPPLY DECOUPLING
Power supply decoupling is required on VDD. A 4.7μF capacitor is recommended.
Decoupling capacitors should be placed as close as possible to the WM3100 device. The connection
between GND, the VDD decoupling capacitor and the main system ground should be made at a
single point as close as possible to the GND pin of the WM3100.
Due to the wide tolerance of many types of ceramic capacitors, care must be taken to ensure that the
selected components provide the required capacitance across the required temperature and voltage
ranges in the intended application. For most application the use of ceramic capacitors with capacitor
dielectric X5R is recommended.
CHARGE PUMP COMPONENTS
A fly-back capacitor is required between the CPCA and CPCB pins. The required capacitance is
2.2μF. A decoupling capacitor is required on CPVOUTN; the recommended value is 1μF.
The positioning of the charge pump capacitors is important, particularly the fly-back capacitor. The
use of short and wide PCB tracks for the fly-back capacitor connections will give best results due to
its low resistance. Both capacitors should be placed as close as possible to the WM3100.
Due to the wide tolerance of many types of ceramic capacitors, care must be taken to ensure that the
selected components provide the required capacitance across the required temperature and voltage
ranges in the intended application. For most application the use of ceramic capacitors with capacitor
dielectric X5R is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com