Electronic Components Datasheet Search
  English  ▼

X  

ICX082AL Datasheet(PDF) 3 Page - Sony Corporation

Part # ICX082AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX082AL Datasheet(HTML) 3 Page - Sony Corporation

  ICX082AL Datasheet HTML 1Page - Sony Corporation ICX082AL Datasheet HTML 2Page - Sony Corporation ICX082AL Datasheet HTML 3Page - Sony Corporation ICX082AL Datasheet HTML 4Page - Sony Corporation ICX082AL Datasheet HTML 5Page - Sony Corporation ICX082AL Datasheet HTML 6Page - Sony Corporation ICX082AL Datasheet HTML 7Page - Sony Corporation ICX082AL Datasheet HTML 8Page - Sony Corporation ICX082AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
– 3 –
ICX082AL
Item
–0.3 to +55
–0.3 to +20
–55 to +10
–15 to +20
to +10
to +15
to +17
–17 to +17
–10 to +15
–55 to +10
–65 to +0.3
–0.3 to +30
–0.3 to +24
–0.3 to +20
–30 to +80
–10 to +60
V
V
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
∗1
Ratings
Unit
Remarks
Absolute Maximum Ratings
∗1 +27V (Max.) when clock width < 10µs, clock duty factor < 0.1%.
Substrate voltage SUB – GND
HIS, VDD, RD, VOUT, VSS – GND
HIS, VDD, RD, VOUT, VSS – SUB
Vertical clock input pins – GND
Vertical clock input pins – SUB
Voltage difference between vertical clock input pins
Voltage difference between horizontal clock input pins
H
φ1, Hφ2 – Vφ4
H
φ1, Hφ2, RG, VGG – GND
H
φ1, Hφ2, RG, VGG – SUB
VL – SUB
V
φ1, Vφ3, HIS, VDD, RD, VOUT – VL
RG – VL
V
φ2, Vφ4, VGG, VSS, Hφ1, Hφ2 – VL
Storage temperature
Operating temperature
Item
VDD
VRD
VGG
VSS
VSUB
∆VSUB
VRGL
∆VRGL
VL
VHIS
Grounded with
750
Ω resistor
V
V
V
V
%
V
%
V
V
VRD = VDD
±5%
∗2
∗2
∗3
VHIS = VDD
Symbol
Min.
Unit
Remarks
Bias Conditions
Output amplifier drain voltage
Reset drain voltage
Output amplifier gate voltage
Output amplifier source
Substrate voltage adjustment range
Substrate voltage adjustment precision
Reset gate clock voltage adjustment range
Reset gate clock voltage adjustment precision
Protective transistor bias
Horizontal register input source bias
14.7
14.7
3.8
Typ.
Max.
15.0
15.0
4.2
15.3
15.3
4.6
9
–3
0
–3
–11
14.7
–10.5
15.0
19
+3
3.0
+3
–10
15.3
Supply voltage
Vertical clock input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com