Electronic Components Datasheet Search
  English  ▼

X  

ICX082AL Datasheet(PDF) 8 Page - Sony Corporation

Part # ICX082AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX082AL Datasheet(HTML) 8 Page - Sony Corporation

Back Button ICX082AL Datasheet HTML 4Page - Sony Corporation ICX082AL Datasheet HTML 5Page - Sony Corporation ICX082AL Datasheet HTML 6Page - Sony Corporation ICX082AL Datasheet HTML 7Page - Sony Corporation ICX082AL Datasheet HTML 8Page - Sony Corporation ICX082AL Datasheet HTML 9Page - Sony Corporation ICX082AL Datasheet HTML 10Page - Sony Corporation ICX082AL Datasheet HTML 11Page - Sony Corporation ICX082AL Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
– 8 –
ICX082AL
(3) Horizontal transfer clock waveform · Reset gate clock waveform
tr
twh
tf
90%
10%
twl
V
φH, VφRG
VHL, VRGL
(4) Substrate clock waveform
90%
100%
10%
0%
VSUB
tr
twh
tf
φM
φM
2
V
φSUB
Clock Switching Characteristics
Item
Readout clock
VT
µs
During
readout
During
imaging
During
imaging
During
parallel-serial
conversion
During drain
charge
Symbol
Min. Typ. Max.
Unit
Remarks
V
φ3, Vφ4
V
φ1, Vφ2
Vertical transfer
clock
Horizontal
transfer clock
Reset gate
clock
Substrate clock
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
twh
twl
tr
tf
H
φ
H
φ1
H
φ2
φRG
φSUB
µs
µs
ns
µs
µs
ns
µs
2.3 2.5
62.6
1.3
20
5.38
11
13
1.5 1.8
0.74
62.1
20
5.38
51
0.5
0.1
0.1
15
19
0.01
0.01
2.0
0.5
0.5
0.1
0.1
15
19
0.01
0.01
2.0
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com