Electronic Components Datasheet Search
  English  ▼

X  

WM8912 Datasheet(PDF) 54 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 54 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 58Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
54
The direction of these signals and the clock frequencies are controlled as described in the “Digital
Audio Interface Control” section.
BCLK and LRCLK can be enabled as outputs in Slave mode, allowing mixed Master/Slave operation
- see “Digital Audio Interface Control”.
OPERATION WITH TDM
Time division multiplexing (TDM) allows multiple devices to transfer data simultaneously on the same
bus. The WM8912 supports TDM in master and slave modes for all data formats and word lengths.
TDM is enabled and configured using register bits defined in the “Digital Audio Interface Control”
section.
Figure 27 TDM with WM8912 as Master
Figure 28 TDM with other DAC as Master
Figure 29 TDM with Processor as Master
Note: The WM8912 is a 24-bit device. If the user operates the WM8912 in 32-bit mode then the 8
LSBs will be ignored on the DAC input. It is recommended to add a pull-down resistor to the
DACDAT line in TDM mode in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com