Electronic Components Datasheet Search
  English  ▼

X  

WM8912 Datasheet(PDF) 89 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 89 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 93Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
89
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
28 (1Ch)
R94 (5Eh)
8 bits
Bit 0
00h
0h
0b
LINEOUTL_ENA_OUTP = 0
LINEOUTL_ENA_DLY = 0
LINEOUTL_ENA = 0
LINEOUTR_ENA_OUTP = 0
LINEOUTR_ENA_DLY = 0
LINEOUTR_ENA = 0
(delay = 0.5625ms)
29 (1Dh)
R67 (43h)
4 bits
Bit 0
00h
0h
0b
DCS_ENA_CHAN_0 = 0
DCS_ENA_CHAN_1 = 0
DCS_ENA_CHAN_2 = 0
DCS_ENA_CHAN_3 = 0
(delay = 0.5625ms)
30 (1Eh)
R98 (62h)
1 bit
Bit 0
00h
0h
0b
CP_ENA = 0
(delay = 0.5625ms)
31 (1Fh)
R18 (12h)
2 bits
Bit 2
00h
0h
0b
DACL_ENA = 0
DACR_ENA = 0
(delay = 0.5625ms)
32 (20h)
R22 (16h)
1 bit
Bit 1
00h
0h
0b
CLK_DSP_ENA = 0
(delay = 0.5625ms)
33 (21h)
R14 (0Eh)
2 bits
Bit 0
00h
0h
0b
HPL_PGA_ENA = 0
HPR_PGA_ENA = 0
(delay = 0.5625ms)
34 (22h)
R15 (0Fh)
2 bits
Bit 0
00h
0h
0b
LINEOUTL_PGA_ENA = 0
LINEOUTR_PGA_ENA = 0
(delay = 0.5625ms)
35 (23h)
R4 (04h)
1 bit
Bit 0
00h
0h
0b
BIAS_ENA = 0
(delay = 0.5625ms)
36 (24h)
R5 (05h)
1 bit
Bit 0
00h
Ch
0b
VMID_ENA = 0
(delay = 256.5ms)
37 (25h)
R5 (05h)
1 bit
Bit 0
00h
9h
0b
VMID_ENA = 0
(delay = 32.5ms)
38 (26h)
R5 (05h)
8 bits
Bit 0
00h
0h
0b
VMID_RES [1:0] = 00
VMID_ENA = 0
(delay = 0.5625ms)
39 (27h)
R4 (04h)
2 bits
Bit 0
00h
0h
1b
BIAS_ENA = 0
End of Sequence
Table 60 Shutdown Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com