Electronic Components Datasheet Search
  English  ▼

X  

WM8948 Datasheet(PDF) 60 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 60 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 64Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
60
SPEAKER PGA VOLUME CONTROL
The volume control of the left and right Speaker PGAs can be independently adjusted using the
SPKL_VOL and SPKR_VOL register fields as described in Table 34. The gain range is
-57dB to
+6dB in 1dB steps.
Note that the output from the Speaker PGA Volume control is an input to the Speaker Output control
described in the following section.
To prevent "zipper noise", a zero-cross function is provided on the Speaker PGAs. When this feature
is enabled, volume updates will not take place until a zero-crossing is detected. In the case of a long
period without zero-crossings, a timeout function is provided. When the zero-cross function is
enabled, the volume will update after the timeout period if no earlier zero-cross has occurred. The
timeout clock is enabled using TOCLK_ENA. See “Clocking and Sample Rates” for the definition of
this bit.
The SPK_VU bits control the loading of the Speaker PGA volume data. When SPK_VU is set to 0,
the volume control data will be loaded into the respective control register, but will not actually change
the gain setting. The left and right Speaker PGA volume settings are both updated when a 1 is
written to either SPK_VU bit. This makes it possible to update the gain of the left and right output
paths simultaneously.
The Speaker PGA volume control register fields are described in Table 34.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R47 (2Fh)
Left SPK
volume ctrl
8
SPK_VU
0
Speaker PGA Volume Update
Writing a 1 to this bit will cause the
Left and Right Speaker PGA
volumes to be updated
simultaneously.
7
SPKL_ZC
0
Left Speaker PGA Zero Cross
Detector
0 = Change gain immediately
1 = Change gain on zero cross only
6
SPKL_PGA_
MUTE
1
Left Speaker PGA Mute
0 = Disable Mute
1 = Enable Mute
5:0
SPKL_VOL
11_1001
(0dB)
Left Speaker PGA Volume
00_0000 = -57dB gain
00_0001 = -56dB
…
11_1001 = 0dB
...
11_1111 = +6dB
(See Table 35 for volume range)
R48 (30h)
Right SPK
volume ctrl
8
SPK_VU
0
Speaker PGA Volume Update
Writing a 1 to this bit will cause the
Left and Right Speaker PGA
volumes to be updated
simultaneously.
7
SPKR_ZC
0
Right Speaker PGA Zero Cross
Detector
0 = Change gain immediately
1 = Change gain on zero cross only
6
SPKR_PGA_
MUTE
1
Right Speaker PGA Mute
0 = Disable Mute
1 = Enable Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com