Electronic Components Datasheet Search
  English  ▼

X  

WM8948 Datasheet(PDF) 66 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 66 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 70Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
66
BG_VSEL [4:0]
BG Voltage (V)
BG_VSEL [4:0]
BG Voltage (V)
00h
1.200
08h
1.414
01h
1.227
09h
1.440
02h
1.253
0Ah
1.467
03h
1.280
0Bh
1.494
04h
1.307
0Ch
1.520
05h
1.334
0Dh
1.547
06h
1.360
0Eh
1.574
07h
0.387
0Fh
1.600
Table 39 Bandgap Voltage Control
REFERENCE VOLTAGES AND MASTER BIAS
This section describes the analogue reference voltage and bias current controls. It also describes the
VMID soft-start circuit for pop suppressed start-up and shut-down.
The analogue circuits in the WM8948 require a mid-rail analogue reference voltage, VMID. This
reference is generated via a programmable resistor chain. Together with the external decoupling
capacitor (connected to the VMIDC pin), the programmable resistor chain results in a slow, normal or
fast charging characteristic on the VMID reference. This is enabled using VMID_ENA and
VMID_SEL. The different resistor options controlled by VMID_SEL can be used to optimise the
reference for normal operation, low power standby or for fast start-up as described in Table 40.
The VMID resistor chain can be powered from the LDO output (LDOVOUT) or from the LDO supply
(LDOVDD). This is selected using VMID_REF_SEL.
Note that when VMID is selected as the LDO reference voltage, VMID cannot be generated from the
LDOVOUT supply voltage (VMID_REF_SEL = 1) and must be generated from the LDOVDD supply
voltage (VMID_REF_SEL = 0).
The VMID ratio can be selected using VMID_CTRL. This selects the ratio of VMID to the supply
voltage that has been selected by VMID_REF_SEL. VMID should be half of the LDOVOUT supply
voltage for maximum voltage swing. In the case where VMID_REF_SEL has selected the LDOVOUT
supply voltage output, then VMID_CTRL should select the ratio “1/2”. In the case where
VMID_REF_SEL has selected the LDOVDD supply voltage, then the alternate ratio “5/11” may be
preferred provided LDOVDDD = 3.3V and LDOVOUT = 3.0V.
Note that the “5/11” ratio is designed for the case where LDOVDD = 3.3V and LDOVOUT = 3.0V.
This results in a VMID = 3.3V x (5/11) = 1.5V which is half of the LDOVOUT voltage.
If these conditions are not being used or the LDO has been bypassed then VMID_REF should be set
to select LDOVOUT as the VMID source and VMID_CTRL should be set to select the ratio “1/2”.
The analogue circuits in the WM8948 require a bias current. The normal bias current is enabled by
setting BIAS_ENA. Note that the normal bias current source requires VMID to be enabled also.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com