Electronic Components Datasheet Search
  English  ▼

X  

WM8948 Datasheet(PDF) 81 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 81 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 85Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
81
FREQUENCY LOCKED LOOP (FLL)
The integrated FLL can be used to generate SYSCLK from a wide variety of different reference
sources and frequencies. The FLL uses MCLK as its reference, which may be a high frequency (eg.
12.288MHz) or low frequency (eg. 32,768kHz) reference. The FLL is tolerant of jitter and may be
used to generate a stable SYSCLK from a less stable input signal. The FLL characteristics are
summarised in “Electrical Characteristics”.
The FLL is enabled using the FLL_ENA register bit. At initial power on the VMID voltage must be
allowed to settle at its final vale before enabling the FLL. Note that, when changing FLL settings, it is
recommended that the digital circuit be disabled via FLL_ENA and then re-enabled after the other
register settings have been updated. When changing the input reference frequency FREF, it is
recommended that the FLL be reset by setting FLL_ENA to 0.
The field FLL_CLK_REF_DIV provides the option to divide the input reference (MCLK) by 1, 2, 4 or
8. This field should be set to bring the reference down to 13.5MHz or below. For best performance, it
is recommended that the highest possible frequency - within the 13.5MHz limit - should be selected.
The field FLL_CTRL_RATE controls internal functions within the FLL; it is recommended that only
the default setting be used for this parameter. FLL_GAIN controls the internal loop gain and should
be set to the recommended value.
The FLL output frequency is directly determined from FLL_FRATIO, FLL_OUTDIV and the real
number represented by FLL_N and FLL_K. The field FLL_N is an integer (LSB = 1); FLL_K is the
fractional portion of the number (MSB = 0.5). The fractional portion is only valid when enabled by the
field FLL_FRAC.
Power consumption in the FLL is reduced in integer mode; however, the performance may also be
reduced, with increased noise or jitter on the output.
If low power consumption is required, then FLL settings must be chosen where N.K is an integer (ie.
FLL_K = 0). In this case, the fractional mode can be disabled by setting FLL_FRAC = 0.
For best FLL performance, a non-integer value of N.K is required. In this case, the fractional mode
must be enabled by setting FLL_FRAC = 1. The FLL settings must be adjusted, if necessary, to
produce a non-integer value of N.K.
The FLL output frequency is generated according to the following equation:
FOUT = (FVCO / FLL_OUTDIV)
The FLL operating frequency, FVCO is set according to the following equation:
FVCO = (FREF x N.K x FLL_FRATIO)
FREF is the input frequency, as determined by FLL_CLK_REF_DIV.
FVCO must be in the range 90-100 MHz. Frequencies outside this range cannot be supported.
Note that the output frequencies that do not lie within the ranges quoted above cannot be guaranteed
across the full range of device operating temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com