Electronic Components Datasheet Search
  English  ▼

X  

WM8948 Datasheet(PDF) 109 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 109 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 113Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
109
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11
ADCR_ENA
0
Right ADC and Record filter Enable
0 = Disabled
1 = Enabled
ADCR_ENA must be set to 1 when
processing right channel data from
the ADC or Digital Microphone.
10
ADCL_ENA
0
Left ADC and Record filter Enable
0 = Disabled
1 = Enabled
ADCL_ENA must be set to 1 when
processing left channel data from
the ADC or Digital Microphone.
4
MICB_ENA
0
Microphone Bias Enable
0 = Disabled
1 = Enabled
3
BIAS_ENA
0
Master Bias Enable
0 = Disabled
1 = Enabled
R3 (03h)
Power
management
2
15
OUTR_ENA
0
LINEOUTR enable
0 = Disabled
1 = Enabled
14
OUTL_ENA
0
LINEOUTL enable
0 = Disabled
1 = Enabled
13
SPKR_PGA_
ENA
0
Speaker Right PGA enable
0 = Disabled
1 = Enabled
12
SPKL_PGA_
ENA
0
Speaker Left PGA enable
0 = Disabled
1 = Enabled
11
SPKR_SPKVDD
_ENA
0
SPKOUTR enable
0 = Disabled
1 = Enabled
Note that SPKOUTR is also
controlled by SPKR_OP_ENA.
When powering down SPKOUTR,
the SPKR_SPKVDD_ENA bit
should be reset first.
10
SPKL_SPKVDD
_ENA
0
SPKOUTL enable
0 = Disabled
1 = Enabled
Note that SPKOUTL is also
controlled by SPKL_OP_ENA.
When powering down SPKOUTL,
the SPKL_SPKVDD_ENA bit
should be reset first
7
SPKR_OP_ENA
0
SPKOUTR enable
0 = Disabled
1 = Enabled
Note that SPKOUTR is also
controlled by
SPKR_SPKVDD_ENA. When
powering up SPKOUTR, the
SPKR_OP_ENA bit should be
enabled first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com