Electronic Components Datasheet Search
  English  ▼

X  

WM8948 Datasheet(PDF) 115 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 115 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 119Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
115
SOFTWARE RESET AND DEVICE ID
The WM8948 can be reset by writing to Register R0. This is a read-only register, and the contents of
R0 will not be affected by writing to this Register.
The Device ID can be read back from Register R0. The Chip Revision ID can be read back from
Register 1, as described in Table 72.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h)
Software
Reset/Chip
ID 1
15:0
SW_RESET
[15:0]
6229h
Writing to this register resets all
registers to their default state.
Reading from this register will indicate
device family ID 6229h.
R1 (01h)
Revision
Number
3:0
CHIP_REV [3:0]
Reading from this register will indicate
the Revision ID.
Table 72 Chip Reset and ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com