Electronic Components Datasheet Search
  English  ▼

X  

WM8948 Datasheet(PDF) 184 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 184 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 180Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 181Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 182Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 183Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 184Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 185Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 186Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 187Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 188Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
184
The recommended power supply decoupling capacitors for WM8948 are listed below in Table 73.
POWER SUPPLY
DECOUPLING CAPACITOR
DCVDD, DBVDD, LDOVDD, SPKVDD
4.7
μF ceramic
LDOVOUT
2.2
μF ceramic
VMIDC
4.7
μF ceramic
Table 73 Power Supply Decoupling Capacitors
All decoupling capacitors should be placed as close as possible to the WM8948 device. The
connection between GND, the LDOVOUT decoupling capacitor and the main system ground should
be made at a single point as close as possible to the GND ball of the WM8948.
The VMIDC capacitor is not, technically, a decoupling capacitor. However, it does serve a similar
purpose in filtering noise on the VMID reference. The connection between GND, the VMID
decoupling capacitor and the main system ground should be made at a single point as close as
possible to the GND ball of the WM8948.
Due to the wide tolerance of many types of ceramic capacitors, care must be taken to ensure that the
selected components provide the required capacitance across the required temperature and voltage
ranges in the intended application. For most application the use of ceramic capacitors with capacitor
dielectric X5R is recommended.
MICROPHONE BIAS CIRCUIT
The WM8948 is designed to interface easily with electret microphones. These may be connected in
single-ended or differential configurations. The single-ended method allows greater capability for the
connection of multiple audio sources simultaneously, whilst the differential method provides better
performance due to its rejection of common-mode noise.
In either configuration, the microphone requires a bias current (electret condenser microphones) or
voltage supply (silicon microphones), which can be provided by MICBIAS. This reference is
generated by an output-compensated amplifier, which requires an external capacitor in order to
guarantee accuracy and stability. The recommended capacitance is 4.7
μF, although it may be
possible to reduce this to 1
μF if the analogue supply (LDOVOUT) is not too noisy. A ceramic type is
a suitable choice here, providing that care is taken to choose a component that exhibits this
capacitance at the intended MICBIAS voltage.
Note that the MICBIAS voltage may be adjusted using register control to suit the requirements of the
microphone. Also note the WM8948 supports a maximum current of 3mA. If more than one
microphone is connected to the MICBIAS, then combined current must not exceed 3mA.
A current-limiting resistor is also required when using an electret condenser microphone (ECM). The
resistance should be chosen according to the minimum operating impedance of the microphone and
MICBIAS voltage so that the maximum bias current of the WM8948 is not exceeded. Wolfson
recommends a 2.2k
Ω current limiting resistor as it provides compatibility with a wide range of
microphone models.
The recommended connections for single-ended and differential microphone modes are illustrated in
Figure 62 and Figure 63.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com