Electronic Components Datasheet Search
  English  ▼

X  

WM8524 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8524
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8524 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8524 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
WM8524
Production Data
w
PD, Rev 4.1, October 2011
10
POWER ON RESET CIRCUIT
Figure 3 Internal Power on Reset Circuit Schematic
The WM8524 includes an internal Power-On-Reset circuit, as shown in Figure 3, which is used to
reset the DAC digital logic into a default state after power up. The POR circuit is powered by AVDD
and has as its inputs VMID and LINEVDD. It asserts POR low if VMID or LINEVDD are below a
minimum threshold.
Figure 4 Typical Power Timing Requirements
Figure 4 shows a typical power-up sequence where LINEVDD comes up with AVDD. When AVDD
goes above the minimum threshold, Vpora, there is enough voltage for the circuit to guarantee POR is
asserted low and the chip is held in reset. In this condition, all writes to the control interface are
ignored. After VMID rises to Vpord_hi and AVDD rises to Vpora_hi, POR is released high and all registers
are in their default state and writes to the control interface may take place.
On power down, PORB is asserted low whenever LINEVDD or AVDD drop below the minimum
threshold Vpora_low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com