Electronic Components Datasheet Search
  English  ▼

X  

WM8524 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8524
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8524 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8524 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Production Data
WM8524
w
PD, Rev 4.1, October 2011
15
HARDWARE CONTROL INTERFACE
The device is configured according to logic levels applied to the hardware control pins as described in
Table 4.
PIN NAME
PIN
NUMBER
DESCRIPTION
MUTE
¯¯¯¯¯
11
Mute Control
0 = Mute
1 = Normal operation
AIFMODE
12
Audio Interface Mode
0 = 24-bit LJ
1 = 24-bit I
2S
Z = 24-bit RJ
Table 4 Hardware Control Pin Configuration
MUTE
The MUTE
¯¯¯¯¯ pin controls the DAC mute to both left and right channels. When the mute is asserted a
softmute is applied to ramp the signal down in 800 samples. When the mute is de-asserted the signal
returns to full scale in one step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com