Electronic Components Datasheet Search
  English  ▼

X  

WM8524 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8524
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8524 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8524 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Production Data
WM8524
w
PD, Rev 4.1, October 2011
3
PIN CONFIGURATION
ORDERING INFORMATION
ORDER CODE
TEMPERATURE
RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM8524CGEDT
−40°C to +85°C
16 lead TSSOP
(Pb-free)
MSL1
260
oC
WM8524CGEDT/R
−40°C to +85°C
16-lead TSSOP
(Pb-free, tape and reel)
MSL1
260
oC
Note:
Reel quantity = 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com