Electronic Components Datasheet Search
  English  ▼

X  

LM5113 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5113
Description  LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5113 Datasheet(HTML) 2 Page - Texas Instruments

  LM5113 Datasheet HTML 1Page - Texas Instruments LM5113 Datasheet HTML 2Page - Texas Instruments LM5113 Datasheet HTML 3Page - Texas Instruments LM5113 Datasheet HTML 4Page - Texas Instruments LM5113 Datasheet HTML 5Page - Texas Instruments LM5113 Datasheet HTML 6Page - Texas Instruments LM5113 Datasheet HTML 7Page - Texas Instruments LM5113 Datasheet HTML 8Page - Texas Instruments LM5113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LLP-10
1
2
3
4
9
6
7
8
VDD
HB
HOH
HOL
HI
LI
VSS
LOH
HS
5
10
LOL
Exposed Pad
LOH
UVLO
HOH
LEVEL
SHIFT
HB
HS
VDD
VSS
HI
LI
HOL
LOL
UVLO
& CLAMP
LM5113
SNVS725E – JUNE 2011 – REVISED JANUARY 2012
www.ti.com
Typical Application
Figure 1.
Table 1. Truth Table
HI
LI
HOH
HOL
LOH
LOL
L
L
Open
L
Open
L
L
H
Open
L
H
Open
H
L
H
Open
Open
L
H
H
H
Open
H
Open
Connection Diagram
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: LM5113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com