Electronic Components Datasheet Search
  English  ▼

X  

LM5113 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5113
Description  LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5113 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5113 Datasheet HTML 9Page - Texas Instruments LM5113 Datasheet HTML 10Page - Texas Instruments LM5113 Datasheet HTML 11Page - Texas Instruments LM5113 Datasheet HTML 12Page - Texas Instruments LM5113 Datasheet HTML 13Page - Texas Instruments LM5113 Datasheet HTML 14Page - Texas Instruments LM5113 Datasheet HTML 15Page - Texas Instruments LM5113 Datasheet HTML 16Page - Texas Instruments LM5113 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LM5113
www.ti.com
SNVS725E – JUNE 2011 – REVISED JANUARY 2012
(4)
There are some additional losses in the gate drivers due to the internal CMOS stages used to buffer the LO and
HO outputs. The following plot shows the measured gate driver power dissipation versus frequency and load
capacitance. At higher frequencies and load capacitance values, the power dissipation is dominated by the
power losses driving the output loads and agrees well with the above equations. This plot can be used to
approximate the power losses due to the gate drivers.
Figure 18. Neglecting Bootstrap Diode Losses
Gate Driver Power Dissipation (LO+HO)
VDD=+5V,
The bootstrap diode power loss is the sum of the forward bias power loss that occurs while charging the
bootstrap capacitor and the reverse bias power loss that occurs during reverse recovery. Since each of these
events happens once per cycle, the diode power loss is proportional to the operating frequency. Larger
capacitive loads require more energy to recharge the bootstrap capacitor resulting in more losses. Higher input
voltages (VIN) to the half bridge also result in higher reverse recovery losses.
The following two plots illustrate the forward bias power loss and the reverse bias power loss of the bootstrap
diode respectively. The plots are generated based on calculations and lab measurements of the diode reverse
time and current under several operating conditions. The plots can be used to predict the bootstrap diode power
loss under different operating conditions.
Figure 19. Forward Bias Power Loss of
Bootstrap Diode VIN=50V
The Load of High-Side Driver is a GaN FET
with Total Gate Charge of 10nC
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com