Electronic Components Datasheet Search
  English  ▼

X  

LM5113 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5113
Description  LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5113 Datasheet(HTML) 4 Page - Texas Instruments

  LM5113 Datasheet HTML 1Page - Texas Instruments LM5113 Datasheet HTML 2Page - Texas Instruments LM5113 Datasheet HTML 3Page - Texas Instruments LM5113 Datasheet HTML 4Page - Texas Instruments LM5113 Datasheet HTML 5Page - Texas Instruments LM5113 Datasheet HTML 6Page - Texas Instruments LM5113 Datasheet HTML 7Page - Texas Instruments LM5113 Datasheet HTML 8Page - Texas Instruments LM5113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM5113
SNVS725E – JUNE 2011 – REVISED JANUARY 2012
www.ti.com
Absolute Maximum Ratings
(1)
VDD to VSS
−0.3V to 7V
HB to HS
−0.3V to 7V
LI or HI Input
−0.3V to 15V
LOH, LOL Output
−0.3V to VDD +0.3V
HOH, HOL Output
VHS −0.3V to VHB +0.3V
HS to VSS
−5V to +100V
HB to VSS
0 to 107V
HB to VDD
0 to 100V
Junction Temperature
+150°C
Storage Temperature Range
−55°C to +150°C
ESD Rating HBM
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
Recommended Operating Conditions
VDD
+4.5V to +5.5V
LI or HI Input
0V to +14V
HS
−5V to 100V
HB
VHS +4V to VHS +5.5V
HS Slew Rate
<50 V/ns
Junction Temperature
−40°C to +125°C
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: LM5113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com