Electronic Components Datasheet Search
  English  ▼

X  

RT8270 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8270
Description  2A, 22V, 1.2MHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8270 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8270 Datasheet HTML 1Page - Richtek Technology Corporation RT8270 Datasheet HTML 2Page - Richtek Technology Corporation RT8270 Datasheet HTML 3Page - Richtek Technology Corporation RT8270 Datasheet HTML 4Page - Richtek Technology Corporation RT8270 Datasheet HTML 5Page - Richtek Technology Corporation RT8270 Datasheet HTML 6Page - Richtek Technology Corporation RT8270 Datasheet HTML 7Page - Richtek Technology Corporation RT8270 Datasheet HTML 8Page - Richtek Technology Corporation RT8270 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RT8270
4
DS8270-01 March 2011
www.richtek.com
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in the natural convection at TA = 25°C on a high effective four layers thermal conductivity test board of
JEDEC 51-7 thermal measurement standard.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Shutdown Current
ISHDN
VEN = 0V
--
25
50
μA
Quiescent Current
IQ
VEN = 2V, VFB = 1.5V
--
0.7
1
mA
Thermal Shutdown
TSD
--
150
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com