Electronic Components Datasheet Search
  English  ▼

X  

RT8270 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8270
Description  2A, 22V, 1.2MHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8270 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8270 Datasheet HTML 1Page - Richtek Technology Corporation RT8270 Datasheet HTML 2Page - Richtek Technology Corporation RT8270 Datasheet HTML 3Page - Richtek Technology Corporation RT8270 Datasheet HTML 4Page - Richtek Technology Corporation RT8270 Datasheet HTML 5Page - Richtek Technology Corporation RT8270 Datasheet HTML 6Page - Richtek Technology Corporation RT8270 Datasheet HTML 7Page - Richtek Technology Corporation RT8270 Datasheet HTML 8Page - Richtek Technology Corporation RT8270 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT8270
1
DS8270-01 March 2011
www.richtek.com
Ordering Information
Pin Configurations
(TOP VIEW)
SOP-8
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
2A, 22V, 1.2MHz Step-Down Converter
Applications
Distributive Power Systems
Battery Charger
DSL Modems
Pre-regulator for Linear Regulators
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
General Description
The RT8270 is an asynchronous high voltage buck
converter that can support the input voltage range from
4.75V to 22V and the output current can be up to 2A.
Current Mode operation provides fast transient response
and eases loop stabilization.
The chip provides protection functions such as cycle-by-
cycle current limiting and thermal shutdown protection.
In shutdown mode, the regulator draws 25
μA of supply
current. The RT8270 is available in a SOP-8 surface mount
package.
Features
Wide Operating Input Range : 4.75V to 22V
Adjustable Output Voltage Range : 1.222V to 16V
Output Current up to 2A
25
μμμμμA Low Shutdown Current
Power MOSFET : 0.18
Ω
Ω
Ω
Ω
Ω
High Efficiency up to 95%
1.2MHz Fixed Switching Frequency
Stable with Low ESR Output Ceramic Capacitors
Thermal Shutdown Protection
Cycle-By-Cycle Over Current Protection
RoHS Compliant and Halogen Free
Typical Application Circuit
BOOT
VIN
SW
GND
NC
EN
FB
COMP
2
3
4
5
6
7
8
Package Type
S : SOP-8
RT8270
Lead Plating System
G : Green (Halogen Free and Pb Free)
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L1
4.7µH
CB
10nF
COUT
22µF
R1
17k
R2
10k
VOUT
3.3V/2A
CIN
10µF
Chip Enable
VIN
4.75V to 22V
RT8270
D1
B330
COMP
CC
1.8nF
RC
18k
CP
NC
6
4


Similar Part No. - RT8270

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
2A, 24V, 1.2MHz Step-Down Converter
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
3A, 24V, 1.2MHz Step-Down Converter
RT8274 RICHTEK-RT8274 Datasheet
198Kb / 12P
The RT8274 is a high voltage buck converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
More results

Similar Description - RT8270

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237B RICHTEK-RT7237B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
2A, 24V, 1.2MHz Step-Down Converter
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8256 RICHTEK-RT8256 Datasheet
216Kb / 12P
2A, 22V, 400kHz Step-Down Converter
RT8267 RICHTEK-RT8267 Datasheet
222Kb / 12P
2A, 22V, 400kHz Step-Down Converter
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
2A, 1.2MHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com