Electronic Components Datasheet Search
  English  ▼

X  

RT8270 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8270
Description  2A, 22V, 1.2MHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8270 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8270 Datasheet HTML 1Page - Richtek Technology Corporation RT8270 Datasheet HTML 2Page - Richtek Technology Corporation RT8270 Datasheet HTML 3Page - Richtek Technology Corporation RT8270 Datasheet HTML 4Page - Richtek Technology Corporation RT8270 Datasheet HTML 5Page - Richtek Technology Corporation RT8270 Datasheet HTML 6Page - Richtek Technology Corporation RT8270 Datasheet HTML 7Page - Richtek Technology Corporation RT8270 Datasheet HTML 8Page - Richtek Technology Corporation RT8270 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RT8270
3
DS8270-01 March 2011
www.richtek.com
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Feedback Reference Voltage
VFB
4.75V
≤ VIN ≤ 22V
1.184
1.222
1.258
V
High Side Switch-On Resistance
RDS(ON)1
--
0.18
--
Ω
Low Side Switch-On Resistance
RDS(ON)2
--
10
--
Ω
Switch Leakage
VEN = 0V, VSW = 0V
--
--
10
μA
Current Limit
ILIM
Duty = 90%; VBOOT−SW = 4.8V
--
3
--
A
Current Sense Transconductance
GCS
Output Current to VCOMP
--
2.5
--
A/V
Error Amplifier Tansconductance
Gm
ΔIC = ±10μA
--
780
--
μA/V
Oscillator Frequency
fSW
--
1.2
--
MHz
Short Circuit Oscillation Frequency
VFB = 0V
--
440
--
kHz
Maximum Duty Cycle
DMAX
VFB = 0.8V
--
80
--
%
Minimum On-Time
tON
--
100
--
ns
Under Voltage Lockout Threshold
Rising
4
4.2
4.5
V
Under Voltage Lockout Threshold
Hysteresis
--
300
--
mV
En input Low Voltage
--
--
0.4
V
En input High Voltage
1.4
--
--
V
Enable Pull Up Current
--
1
--
μA
(VIN = 12V, TA = 25
°C unless otherwise specified)
Absolute Maximum Ratings (Note 1)
Supply Voltage, VIN ----------------------------------------------------------------------------------------- 23V
Switching Voltage, SW -------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
BOOT Voltage ------------------------------------------------------------------------------------------------ (VSW
− 0.3V) to (VSW + 6V)
All Other Voltage ---------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25°C
SOP-8 ---------------------------------------------------------------------------------------------------------- 0.833W
Package Thermal Resistance (Note 2)
SOP-8,
θJA ---------------------------------------------------------------------------------------------------- 120°C/W
Junction Temperature --------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------- 260
°C
Storage Temperature Range -------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) --------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ---------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Voltage, VIN ----------------------------------------------------------------------------------------- 4.75V to 22V
Enable Voltage, VEN ----------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ------------------------------------------------------------------------------
−40°C to 85°C
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com