Electronic Components Datasheet Search
  English  ▼

X  

ILX548K Datasheet(PDF) 2 Page - Sony Corporation

Part # ILX548K
Description  5340 pixel 횞 3 line CCD Linear Sensor (Color)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX548K Datasheet(HTML) 2 Page - Sony Corporation

  ILX548K Datasheet HTML 1Page - Sony Corporation ILX548K Datasheet HTML 2Page - Sony Corporation ILX548K Datasheet HTML 3Page - Sony Corporation ILX548K Datasheet HTML 4Page - Sony Corporation ILX548K Datasheet HTML 5Page - Sony Corporation ILX548K Datasheet HTML 6Page - Sony Corporation ILX548K Datasheet HTML 7Page - Sony Corporation ILX548K Datasheet HTML 8Page - Sony Corporation ILX548K Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
– 2 –
ILX548K
Unit
pF
pF
pF
pF
Max.
—
—
—
—
Typ.
500
10
10
10
Min.
—
—
—
—
Symbol
C
φ1, Cφ2
C
φRS
C
φCLP
C
φROG
Item
Input capacity of
φ1, φ2
Input capacity of
φRS
Input capacity of
φCLP
Input capacity of
φROG
Clock Characteristics
Unit
MHz
Max.
5
Typ.
1
Min.
—
Symbol
f
φ1, fφ2, fφRS, fφCLP
Item
Item
φ1, φ2, φRS, φCLP
Clock Frequency
Unit
V
Max.
12.6
Typ.
12
Min.
11.4
Item
VDD
Recommended Supply Voltage
Unit
V
V
Max.
5.25
0.1
Typ.
5.0
0
Min.
4.75
—
High level
Low level
φ1, φ2, φRS, φCLP, φROG
pulse voltage
Input Clock Pulse Voltage Condition
Pin Description
Pin
No.
Symbol
Description
1
2
3
4
5
6
7
8
9
10
11
φRS
GND
VOUT-G
VDD
NC
NC
NC
NC
NC
φ2
φROG-B
Clock pulse input
GND
Signal output (green)
12V power supply
NC
NC
NC
NC
NC
Clock pulse input
Clock pulse input
Pin
No.
Symbol
Description
12
13
14
15
16
17
18
19
20
21
22
φROG-G
φ1
φROG-R
NC
NC
NC
NC
VOUT-R
VOUT-B
GND
φCLP
Clock pulse input
Clock pulse input
Clock pulse input
NC
NC
NC
NC
Signal output (red)
Signal output (blue)
GND
Clock pulse input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com