Electronic Components Datasheet Search
  English  ▼

X  

ILX548K Datasheet(PDF) 3 Page - Sony Corporation

Part # ILX548K
Description  5340 pixel 횞 3 line CCD Linear Sensor (Color)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX548K Datasheet(HTML) 3 Page - Sony Corporation

  ILX548K Datasheet HTML 1Page - Sony Corporation ILX548K Datasheet HTML 2Page - Sony Corporation ILX548K Datasheet HTML 3Page - Sony Corporation ILX548K Datasheet HTML 4Page - Sony Corporation ILX548K Datasheet HTML 5Page - Sony Corporation ILX548K Datasheet HTML 6Page - Sony Corporation ILX548K Datasheet HTML 7Page - Sony Corporation ILX548K Datasheet HTML 8Page - Sony Corporation ILX548K Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
– 3 –
ILX548K
Unit
%
V
mV
mV
%
mA
%
Ω
V
Remarks
Note 3
Note 4
—
—
—
Note 8
Max.
3.6
4.5
3.5
20
—
—
—
—
5
12
—
50
—
—
—
Typ.
2.7
3.3
2.6
4
2.5
0.93
0.76
0.96
2
4
0.02
25
98
450
7.3
Min.
1.8
2.1
1.7
—
2
0.56
0.44
0.57
—
—
—
—
92
—
—
Symbol
RR
RG
RB
PRNU
VSAT
SER
SEG
SEB
VDRK
DSNU
IL
IVDD
TTE
Zo
VOS
Item
Sensitivity nonuniformity
Saturation output voltage
Dark voltage average
Dark signal nonuniformity
Image lag
Supply current
Total transfer efficiency
Output impedance
Offset level
Electrooptical Characteristics (Note 1)
(Ta = 25°C, VDD = 12V, f
φRS = 1MHz, Input clock = 5Vp-p, Light source = 3200K, IR cut filter CM-500S (t = 1.0mm))
Notes)
1. In accordance with the given electrooptical characteristics, the black level is defined as the average value
of D18, D19 to D67.
2. For the sensitivity test light is applied with a uniform intensity of illumination.
3. PRNU is defined as indicated below. Ray incidence conditions are the same as for Note 2.
VOUT-G= 500mV (Typ.)
PRNU =
× 100 [%]
Where the 5340 pixels are divided into blocks of 100, the maximum output of each block is set to VMAX, the
minimum output to VMIN and the average output to VAVE.
4. Use below the minimum value of the saturation output voltage.
5. Saturation exposure is defined as follows.
SE =
Where R indicates RR, RG, RB, and SE indicates SER, SEG, SEB.
6. Optical signal accumulated time
τint stands at 5.5ms.
7. VOUT-G = 500mV (Typ.)
8. Vos is defined as indicated below.
VOUT indicates VOUT-R, VOUT-G and VOUT-B.
(VMAX – VMIN)/2
VAVE
VSAT
R
Sensitivity
Saturation exposure
Red
Green
Blue
Red
Green
Blue
V/(lx · s)
Note 2
lx · s
Note 5
Note 6
Note 7
VOS
VOUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com