Electronic Components Datasheet Search
  English  ▼

X  

ILX548K Datasheet(PDF) 8 Page - Sony Corporation

Part # ILX548K
Description  5340 pixel 횞 3 line CCD Linear Sensor (Color)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX548K Datasheet(HTML) 8 Page - Sony Corporation

Back Button ILX548K Datasheet HTML 3Page - Sony Corporation ILX548K Datasheet HTML 4Page - Sony Corporation ILX548K Datasheet HTML 5Page - Sony Corporation ILX548K Datasheet HTML 6Page - Sony Corporation ILX548K Datasheet HTML 7Page - Sony Corporation ILX548K Datasheet HTML 8Page - Sony Corporation ILX548K Datasheet HTML 9Page - Sony Corporation ILX548K Datasheet HTML 10Page - Sony Corporation ILX548K Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
– 8 –
ILX548K
Example of Representative Characteristics (VDD = 12V, Ta = 25°C)
Wavelength [nm]
550
600
650
400
0
0.2
0.4
0.6
0.8
1.0
450
500
700
Spectral sensitivity characteristics (Standard characteristics)
Dark voltage rate vs. Ambient temperature
(Standard characteristics)
Output voltage rate vs. Integration time
(Standard characteristics)
Offset level vs. Supply voltage
(Standard characteristics)
Offset level vs. Ambient temperature
(Standard characteristics)
Ta – Ambient temperature [
°C]
30
40
50
–10
0
0.1
1
100
10
10
20
60
Ta – Ambient temperature [
°C]
20
30
40
50
–10
0
2
4
6
8
10
010
60
VDD – Supply voltage [V]
12
11.4
0
2
4
6
10
8
12.6
τ int – Integration time [ms]
5
1
0.1
1
10
10
∆Vos
∆VDD
≈ 0.7
∆Vos
∆Ta
≈ 1mV/°C
Ta = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com