Electronic Components Datasheet Search
  English  ▼

X  

RT8293B Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8293B
Description  3A, 23V, 1.2MHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8293B Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8293B Datasheet HTML 1Page - Richtek Technology Corporation RT8293B Datasheet HTML 2Page - Richtek Technology Corporation RT8293B Datasheet HTML 3Page - Richtek Technology Corporation RT8293B Datasheet HTML 4Page - Richtek Technology Corporation RT8293B Datasheet HTML 5Page - Richtek Technology Corporation RT8293B Datasheet HTML 6Page - Richtek Technology Corporation RT8293B Datasheet HTML 7Page - Richtek Technology Corporation RT8293B Datasheet HTML 8Page - Richtek Technology Corporation RT8293B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT8293B
1
DS8293B-03
March 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
Applications
Wireless AP/Router
Set-Top-Box
Industrial and Commercial Low Power Systems
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation of High-Performance DSPs
SOP-8 (Exposed Pad)
3A, 23V, 1.2MHz Synchronous Step-Down Converter
General Description
The RT8293B is a high efficiency, monolithic synchronous
step-down DC/DC converter that can deliver up to 3A
output current from a 4.5V to 23V input supply. The
RT8293B's current mode architecture and external
compensation allow the transient response to be
optimized over a wide range of loads and output capacitors.
Cycle-by-cycle current limit provides protection against
shorted outputs and soft-start eliminates input current
surge during start-up. The RT8293B provides output under
voltage protection and thermal shutdown protection. The
low current (<3
μA) shutdown mode provides output
disconnect, enabling easy power management in battery-
powered systems. The RT8293B is available in a
SOP-8 (Exposed Pad) package.
Features
±±±±±1.5% High Accuracy Feedback Voltage
4.5V to 23V Input Voltage Range
3A Output Current
Integrated N-MOSFET Switches
Current Mode Control
Fixed Frequency Operation : 1.2MHz
Adjustable Output from 0.8V to 15V
Up to 95% Efficiency
Programmable Soft-Start
Stable with Low ESR Ceramic Output Capacitors
Cycle-by-Cycle Over Current Protection
Input Under Voltage Lockout
Output Under Voltage Protection
Thermal Shutdown Protection
RoHS Compliant and Halogen Free
BOOT
VIN
SW
GND
SS
EN
FB
COMP
GND
2
3
4
5
6
7
8
9
Marking Information
RT8293BxGSP : Product Number
x : H or L
YMDNN : Date Code
RT8293BxZSP : Product Number
x : H or L
YMDNN : Date Code
RT8293Bx
GSPYMDNN
RT8293Bx
ZSPYMDNN
RT8293BxZSP
RT8293BxGSP
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
RT8293B
Lead Plating System
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)
H : UVP Hiccup
L : UVP Latch-Off


Similar Part No. - RT8293B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8293AHZSP RICHTEK-RT8293AHZSP Datasheet
565Kb / 11P
Evaluation Board
More results

Similar Description - RT8293B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8295B RICHTEK-RT8295B Datasheet
290Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8296B RICHTEK-RT8296B Datasheet
290Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2858F AIC-AIC2858F Datasheet
510Kb / 11P
3A 23V Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
3A, 23V, 340KHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com