Electronic Components Datasheet Search
  English  ▼

X  

RT8293B Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8293B
Description  3A, 23V, 1.2MHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8293B Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8293B Datasheet HTML 1Page - Richtek Technology Corporation RT8293B Datasheet HTML 2Page - Richtek Technology Corporation RT8293B Datasheet HTML 3Page - Richtek Technology Corporation RT8293B Datasheet HTML 4Page - Richtek Technology Corporation RT8293B Datasheet HTML 5Page - Richtek Technology Corporation RT8293B Datasheet HTML 6Page - Richtek Technology Corporation RT8293B Datasheet HTML 7Page - Richtek Technology Corporation RT8293B Datasheet HTML 8Page - Richtek Technology Corporation RT8293B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT8293B
2
DS8293B-03
March 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap for High Side Gate Driver. Connect a 0.1
µF or greater ceramic
capacitor from BOOT to SW pins.
2
VIN
Input Supply Voltage, 4.5V to 23V. Must bypass with a suitably large ceramic
capacitor.
3
SW
Switch Node. Connect this pin to an external L-C filter.
4,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
5
FB
Feedback Input. This pin is connected to the converter output. It is used to set
the output of the converter to regulate to the desired value via an internal
resistive divider. For an adjustable output, an external resistive divider is
connected to this pin.
6
COMP
Compensation Node. COMP is used to compensate the regulation control
loop. Connect a series RC network from COMP to GND. In some cases, an
additional capacitor from COMP to GND is required.
7
EN
Chip Enable (Active High). A logic low forces the RT8293B into shutdown
mode reducing the supply current to less than 3
µA. Attach this pin to VIN with
a 100k
Ω pull up resistor for automatic startup.
8
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor
from SS to GND to set the soft-start period. A 0.1
µF capacitor sets the
soft-start period to 13.5ms.
Typical Application Circuit
VOUT (V) R1 (k
Ω)
R2 (k
Ω)
RC (k
Ω)
CC (nF)
L (
µH)
COUT (
µF)
8
27
3
51
2.2
10
22 x 2
5
62
11.8
33
2.2
6.8
22 x 2
3.3
75
24
22
2.2
3.6
22 x 2
2.5
25.5
12
16
2.2
3.6
22 x 2
1.5
10.5
12
10
2.2
2
22 x 2
1.2
12
24
8.2
2.2
2
22 x 2
1
3
12
6.8
2.2
2
22 x 2
Table 1. Recommended Component Selection
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L
3.6
µH
100nF
22
µF x 2
R1
75k
R2
24k
VOUT
3.3V/3A
10
µF x 2
VIN
4.5V to 23V
RT8293B
SS
8
CSS
COMP
CC
2.2nF
RC
22k
CP
Open
6
4, 9 (Exposed Pad)
CBOOT
CIN
0.1
µF
COUT
REN 100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com