Electronic Components Datasheet Search
  English  ▼

X  

RT8293B Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT8293B
Description  3A, 23V, 1.2MHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8293B Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT8293B Datasheet HTML 6Page - Richtek Technology Corporation RT8293B Datasheet HTML 7Page - Richtek Technology Corporation RT8293B Datasheet HTML 8Page - Richtek Technology Corporation RT8293B Datasheet HTML 9Page - Richtek Technology Corporation RT8293B Datasheet HTML 10Page - Richtek Technology Corporation RT8293B Datasheet HTML 11Page - Richtek Technology Corporation RT8293B Datasheet HTML 12Page - Richtek Technology Corporation RT8293B Datasheet HTML 13Page - Richtek Technology Corporation RT8293B Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
RT8293B
12
DS8293B-03
March 2011
www.richtek.com
Thermal Considerations
For continuous operation, do not exceed the maximum
operation junction temperature 125
°C. The maximum
power dissipation depends on the thermal resistance of
IC package, PCB layout, the rate of surroundings airflow
and temperature difference between junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
Where TJ(MAX) is the maximum operation junction
temperature , TA is the ambient temperature and the
θJAis
the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT8293B, the maximum junction temperature is 125
°C.
The junction to ambient thermal resistance
θJA is layout
dependent. For PSOP-8 package, the thermal resistance
θJA is 75°C/W on the standard JEDEC 51-7 four-layer
thermal test board. The maximum power dissipation at
TA = 25
°C can be calculated by following formula :
PD(MAX) = (125
°C − 25°C) / (75°C/W) = 1.333W
(min.copper area PCB layout)
PD(MAX) = (125
°C − 25°C) / (49°C/W ) = 2.04W
(70mm
2copper area PCB layout)
The thermal resistance
θJA of SOP-8 (Exposed Pad) is
determined by the package architecture design and the
PCB layout design. However, the package architecture
design had been designed. If possible, it's useful to
increase thermal performance by the PCB layout copper
design. The thermal resistance
θJAcan be decreased by
adding copper area under the exposed pad of SOP-8
(Exposed Pad) package.
As shown in Figure 6, the amount of copper area to which
the SOP-8 (Exposed Pad) is mounted affects thermal
per form ance. W hen m ount ed to the standard
SOP-8 (Exposed Pad) pad (Figure 6a.),
θJA is 75°C/W.
Adding copper area of pad under the SOP-8 (Exposed
Pad) (Figure 6b.) reduces the
θJA to 64°C/W. Even further,
increasing the copper area of pad to 70mm
2 (Figure 6e.)
reduces the
θJA to 49°C/W.
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT8293B package, the Figure 7. of
derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power
dissipation allowed.
Figure 7. Derating Curves for RT8293B Package
(a) Copper Area = (2.3 x 2.3) mm
2,
θJA = 75°C/W
(b) Copper Area = 10mm
2,
θJA = 64°C/W
(c) Copper Area = 30mm
2 ,
θJA = 54°C/W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
25
50
75
100
125
Ambient Temperature (
°C)
Copper Area
70mm
2
50mm
2
30mm
2
10mm
2
Min.Layout
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com