Electronic Components Datasheet Search
  English  ▼

X  

IRF7821 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # IRF7821
Description  6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

IRF7821 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  IRF7821 Datasheet HTML 1Page - Richtek Technology Corporation IRF7821 Datasheet HTML 2Page - Richtek Technology Corporation IRF7821 Datasheet HTML 3Page - Richtek Technology Corporation IRF7821 Datasheet HTML 4Page - Richtek Technology Corporation IRF7821 Datasheet HTML 5Page - Richtek Technology Corporation IRF7821 Datasheet HTML 6Page - Richtek Technology Corporation IRF7821 Datasheet HTML 7Page - Richtek Technology Corporation IRF7821 Datasheet HTML 8Page - Richtek Technology Corporation IRF7821 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
DS8298-01
November 2011
www.richtek.com
RT8298
Copyright
2011 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------ 4.5V to 24V
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------ –0.3V to 26V
Switching Voltage, SW --------------------------------------------------------------------------------------------
–0.3V to (V
IN + 0.3V)
BOOT to SW ---------------------------------------------------------------------------------------------------------
–0.3V to 6V
All Other Voltage ----------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WDFN-14L 4x3 ------------------------------------------------------------------------------------------------------- 1.667W
SOP-8 (Exposed Pad) --------------------------------------------------------------------------------------------- 1.333W
Package Thermal Resistance (Note 2)
WDFN-14L 4x3,
θJA ------------------------------------------------------------------------------------------------- 60°C/W
WDFN-14L 4x3,
θJC ------------------------------------------------------------------------------------------------- 7.5°C/W
SOP-8 (Exposed Pad),
θJA ---------------------------------------------------------------------------------------- 75°C/W
SOP-8 (Exposed Pad),
θJC --------------------------------------------------------------------------------------- 15°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------
–65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------ 200V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Shutdown Supply Current
VEN = 0V
--
1
--
μA
Supply Current
VEN = 3V, VFB = 1V
--
0.9
--
mA
Feedback Reference Voltage
VREF
4.5V
≤ VIN ≤ 24V
0.796 0.808
0.82
V
Feedback Current
IFB
VFB = 0.8V
--
10
--
nA
High-Side Switch On Resistance
RDS(ON)
--
45
--
m
Ω
High-Side Switch Current Limit
BOOT
− SW = 4.8V
--
10
--
A
Oscillation Frequency
fOSC1
--
600
--
kHz
Short Circuit Oscillation Frequency
fOSC2
VFB = 0V
--
190
--
kHz
Maximum Duty Cycle
DMAX
VFB = 0.6V
--
90
--
%
Minimum On-Time
tON
VFB = 1V
--
100
--
ns
Input Under Voltage Lockout Threshold
VUVLO
4
4.2
4.4
V
Input Under Voltage Lockout Threshold
Hysteresis
ΔVUVLO
--
400
--
mV
Logic-High
VIH
2
--
5.5
EN Threshold
Voltage
Logic-Low
VIL
--
--
0.4
V
(VIN = 12V, TA = 25
°C, unless otherwise specified)
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com