Electronic Components Datasheet Search
  English  ▼

X  

IRF7821 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # IRF7821
Description  6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

IRF7821 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button IRF7821 Datasheet HTML 8Page - Richtek Technology Corporation IRF7821 Datasheet HTML 9Page - Richtek Technology Corporation IRF7821 Datasheet HTML 10Page - Richtek Technology Corporation IRF7821 Datasheet HTML 11Page - Richtek Technology Corporation IRF7821 Datasheet HTML 12Page - Richtek Technology Corporation IRF7821 Datasheet HTML 13Page - Richtek Technology Corporation IRF7821 Datasheet HTML 14Page - Richtek Technology Corporation IRF7821 Datasheet HTML 15Page - Richtek Technology Corporation IRF7821 Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
DS8298-01
November 2011
www.richtek.com
RT8298
Copyright
2011 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Figure 6. Startup Sequence Using External Sync Clock
Soft-Start
The RT8298 provides soft-start function. The soft-start
function is used to prevent large inrush current while
converter is being powered-up. An internal current source
(6nA) charges an internal capacitor (15pF) to build a soft-
start ramp voltage. The VFB voltage will track the internal
ramp voltage during soft-start interval. The typical soft-
start time is calculated as follows :
Figure 6 shows the synchronization operation in startup
period. When the EN/SYNC is triggered by an external
clock, the RT8298 enters soft-start phase and the output
voltage starts to rise. When VFB is lower than 0.7V, the
oscillation frequency will be proportional to the feedback
voltage. With higher VFB, the switching frequency is
relatively higher. After startup period about 3.5ms, the IC
operates with the same frequency as the external clock.
Figure 7. Hiccup Mode Under Voltage Protection
SS
(0.808V
15pF)
t
=
= 2ms
6nA
×
Operating Frequency and Synchronization
The internal oscillator runs at 600kHz (typ.) when the EN/
SYNC pin is at logic-high level (>2V). If the EN pin is
pulled to low-level for 10
μs above, the IC will shut down.
The RT8298 can be synchronized with an external clock
ranging from 300kHz to 1.5MHz applied to the EN/SYNC
pin. The external clock duty cycle must be from 10% to
90%.
Over Temperature Protection
The RT8298 features an Over Temperature Protection
(OTP) circuitry to prevent from overheating due to
excessive power dissipation. The OTP will shut down
switching operation when junction temperature exceeds
150
°C. Once the junction temperature cools down by
approximately 20
°C, the converter will resume operation.
To maintain continuous operation, the maximum junction
temperature should be lower than 125
°C.
Under Voltage Protection
For the RT8298, it provides Hiccup Mode Under Voltage
Protection (UVP). When the VFB voltage drops below 0.4V,
the UVP function will be triggered to shut down switching
operation. If the UV condition remains for a period, the
RT8298 will retry every 2ms. When the UV condition is
removed, the converter will resume operation. The UVP
is disabled during soft-start period.
EN/SYNC
VFB
CLK
Foldback
600kHz
External CLK
3.5ms (Start-up period)
10µs
Duty Cycle Limitation
The RT8298 has a maximum duty cycle 90%. The
minimum input voltage is determined by the maximum
duty cycle and its minimum operating voltage 4.5V. The
voltage drops of high side MOSFET and low side MOSFET
also must be considered for the minimum input voltage.
The minimum duty cycle can be calculated by the following
equation :
Duty Cycle(min) = fSW x tON(min)
Time (2.5ms/Div)
Hiccup Mode
VOUT
(1V/Div)
IL
(5A/Div)
VIN = 12V, IOUT = Short



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com