Electronic Components Datasheet Search
  English  ▼

X  

IRF7821 Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # IRF7821
Description  6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

IRF7821 Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button IRF7821 Datasheet HTML 10Page - Richtek Technology Corporation IRF7821 Datasheet HTML 11Page - Richtek Technology Corporation IRF7821 Datasheet HTML 12Page - Richtek Technology Corporation IRF7821 Datasheet HTML 13Page - Richtek Technology Corporation IRF7821 Datasheet HTML 14Page - Richtek Technology Corporation IRF7821 Datasheet HTML 15Page - Richtek Technology Corporation IRF7821 Datasheet HTML 16Page - Richtek Technology Corporation IRF7821 Datasheet HTML 17Page - Richtek Technology Corporation IRF7821 Datasheet HTML 18Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
DS8298-01
November 2011
www.richtek.com
RT8298
Copyright
2011 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Figure 9. PCB Layout Guide for SOP-8 (Exposed Pad)
Figure 10. PCB Layout Guide for WDFN-14L 4x3
VOUT
GND
VOUT
Q1
R1
R2
SW
BOOT
VCC
BG
VIN
EN/SYNC
GND
FB
GND
2
3
4
5
6
7
8
9
CIN
CBOOT
GND
L
COUT
The feedback components
must be connected as close
to the device as possible.
Input capacitor must be placed
as close to the IC as possible.
SW should be connected to inductor by
wide and short trace. Keep sensitive
components away from this trace.
The EN/SYNC must be kept
away from noise. The trace
should be short and shielded
with a ground trace.
CVCC
BG
GND
CVCC capacitor must
be placed as close to
the IC as possible.
VIN
VCC
GND
R1
R2
CBOOT
L
VOUT
COUT
VOUT
GND
CIN
GND
R3
The feedback components
must be connected as close
to the device as possible.
Input capacitor must be
placed as close to the
IC as possible.
SW should be connected
to inductor by wide and
short trace. Keep sensitive
components away from
this trace.
The EN/SYNC must be kept
away from noise. The trace
should be short and shielded
with a ground trace.
FB
PGOOD
VIN
VIN
GND
BG
VCC
SW
BOOT
EN/SYNC
VIN
SW
NC
SW
13
12
11
1
2
3
4
5
14
69
10
GND
15
78
BG
CVCC capacitor must
be placed as close to
the IC as possible.
CVCC
Q1
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com