Electronic Components Datasheet Search
  English  ▼

X  

ILX553A Datasheet(PDF) 2 Page - Sony Corporation

Part # ILX553A
Description  5150-pixel CCD Linear Sensor (B/W)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX553A Datasheet(HTML) 2 Page - Sony Corporation

  ILX553A Datasheet HTML 1Page - Sony Corporation ILX553A Datasheet HTML 2Page - Sony Corporation ILX553A Datasheet HTML 3Page - Sony Corporation ILX553A Datasheet HTML 4Page - Sony Corporation ILX553A Datasheet HTML 5Page - Sony Corporation ILX553A Datasheet HTML 6Page - Sony Corporation ILX553A Datasheet HTML 7Page - Sony Corporation ILX553A Datasheet HTML 8Page - Sony Corporation ILX553A Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
– 2 –
ILX553A
Item
Min.
φ1, φ2, φLH, φRS, φCLP, φROG
pulse voltage
4.75
0
Typ.
5.0
—
Max.
5.25
0.1
Unit
V
V
Input Clock Pulse Voltage Condition
High level
Low level
Item
Min.
φ1, φ2, φLH, φRS, φCLP
—
Typ.
1
Max.
16
Unit
MHz
Clock Frequency
Symbol
f
φ1, fφ2, fφLH, fφRS, fφCLP
Item
Min.
Input capacity of
φ1, φ2
Input capacity of
φLH∗1
Input capacity of
φRS∗1
Input capacity of
φCLP∗1
Input capacity of
φROG
—
—
—
—
—
Typ.
400
10
10
10
10
Max.
—
—
—
—
—
Unit
pF
pF
pF
pF
pF
Clock Characteristics
Symbol
C
φ1, Cφ2
C
φLH
C
φRS
C
φCLP
C
φROG
Item
Min.
VDD
11.4
Typ.
12.0
Max.
12.6
Unit
V
Recommended Supply Voltage
Pin Description
Pin No.
Symbol
Description
1
2
3
4
5
6
7
8
9
10
11
GND
GND
GND
GND
VOUT
VDD
GND
φ1
GND
GND
GND
GND
GND
GND
GND
Signal out
12V power supply
GND
Clock pulse input
GND
GND
GND
Pin No.
Symbol
Description
12
13
14
15
16
17
18
19
20
21
22
GND
GND
GND
φ2
φROG
φCLP
GND
φRS
φLH
GND
GND
GND
GND
GND
Clock pulse input
Clock pulse input
Clock pulse input
GND
Clock pulse input
Clock pulse input
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com