Electronic Components Datasheet Search
  English  ▼

X  

ILX553A Datasheet(PDF) 1 Page - Sony Corporation

Part # ILX553A
Description  5150-pixel CCD Linear Sensor (B/W)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX553A Datasheet(HTML) 1 Page - Sony Corporation

  ILX553A Datasheet HTML 1Page - Sony Corporation ILX553A Datasheet HTML 2Page - Sony Corporation ILX553A Datasheet HTML 3Page - Sony Corporation ILX553A Datasheet HTML 4Page - Sony Corporation ILX553A Datasheet HTML 5Page - Sony Corporation ILX553A Datasheet HTML 6Page - Sony Corporation ILX553A Datasheet HTML 7Page - Sony Corporation ILX553A Datasheet HTML 8Page - Sony Corporation ILX553A Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
– 1 –
E00X48-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
ILX553A
22 pin DIP (Plastic)
Description
The ILX553A is a reduction type CCD linear sensor
developped for DPPC, multifunction printers. This
sensor reads A4-size documents at a density of 600
DPI at high speed of 16MHZ.
Features
• Number of effective pixels: 5150 pixels
• Pixel size:
7µm
× 7µm (7µm pitch)
• Clamp circuit is on-chip
• Ultra high sensitivity/Ultra low lag
• Maximum data rate:
16MHz
• Single 12V power supply
• Input clock pulse:
CMOS 5V drive
• Package:
22 pin Plastic DIP (400mil)
Absolute Maximum Ratings
• Supply voltage
VDD
15
V
• Operating temperature
–10 to +60
°C
• Storage temperature
–30 to +80
°C
Pin Configuration (Top View)
5150-pixel CCD Linear Sensor (B/W)
Block Diagram
GND
GND
GND
GND
VOUT
VDD
GND
φ1
GND
GND
GND
GND
GND
φLH
φRS
GND
φCLP
φROG
φ2
GND
GND
GND
1
5150
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12


Similar Part No. - ILX553A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX553B SONY-ILX553B Datasheet
107Kb / 12P
5150-pixel CCD Linear Sensor B W
More results

Similar Description - ILX553A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
7926-pixel CCD Linear Image Sensor (B/W)
ILX510 SONY-ILX510 Datasheet
303Kb / 15P
5150-pixel CCD Linear Sensor (B/W)
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
2700 pixel CCD Linear Sensor (B/W)
ILX531A SONY-ILX531A Datasheet
252Kb / 14P
5150-pixel CCD Linear Sensor (B/W)
ILX532A SONY-ILX532A Datasheet
218Kb / 13P
7500-pixel CCD Linear Sensor (B/W)
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX751B SONY-ILX751B Datasheet
113Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX553B SONY-ILX553B Datasheet
107Kb / 12P
5150-pixel CCD Linear Sensor B W
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com