Electronic Components Datasheet Search
  English  ▼

X  

ILX553A Datasheet(PDF) 6 Page - Sony Corporation

Part # ILX553A
Description  5150-pixel CCD Linear Sensor (B/W)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX553A Datasheet(HTML) 6 Page - Sony Corporation

Back Button ILX553A Datasheet HTML 2Page - Sony Corporation ILX553A Datasheet HTML 3Page - Sony Corporation ILX553A Datasheet HTML 4Page - Sony Corporation ILX553A Datasheet HTML 5Page - Sony Corporation ILX553A Datasheet HTML 6Page - Sony Corporation ILX553A Datasheet HTML 7Page - Sony Corporation ILX553A Datasheet HTML 8Page - Sony Corporation ILX553A Datasheet HTML 9Page - Sony Corporation ILX553A Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
– 6 –
ILX553A
Clock Timing Chart 4
φ2
φLH
0V
5V
φ1
φ2
0V
5V
Cross point
φ1 and φ2
Cross point
φLH and φ2
1.5V (Min.)
2.0V (Min.)
1.5V (Min.)
0.5V (Min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com