Electronic Components Datasheet Search
  English  ▼

X  

LCX011AM Datasheet(PDF) 14 Page - Sony Corporation

Part # LCX011AM
Description  3.6cm (1.43-inch) LCD Panel (with microlens)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX011AM Datasheet(HTML) 14 Page - Sony Corporation

Back Button LCX011AM Datasheet HTML 10Page - Sony Corporation LCX011AM Datasheet HTML 11Page - Sony Corporation LCX011AM Datasheet HTML 12Page - Sony Corporation LCX011AM Datasheet HTML 13Page - Sony Corporation LCX011AM Datasheet HTML 14Page - Sony Corporation LCX011AM Datasheet HTML 15Page - Sony Corporation LCX011AM Datasheet HTML 16Page - Sony Corporation LCX011AM Datasheet HTML 17Page - Sony Corporation LCX011AM Datasheet HTML 18Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
– 14 –
LCX011AM
Viewing Angle Characteristics (Typical Value)
90
270
180
0
Theta
Phi
70
θ
φ
φ180°
X
φ270°
Y
φ0°
φ90°
Z
θ0°
Marking
Measurement method
30
50
10
Note) This measurement is performed using an LCD panel without a microlens.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com