Electronic Components Datasheet Search
  English  ▼

X  

LCX011AM Datasheet(PDF) 1 Page - Sony Corporation

Part # LCX011AM
Description  3.6cm (1.43-inch) LCD Panel (with microlens)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX011AM Datasheet(HTML) 1 Page - Sony Corporation

  LCX011AM Datasheet HTML 1Page - Sony Corporation LCX011AM Datasheet HTML 2Page - Sony Corporation LCX011AM Datasheet HTML 3Page - Sony Corporation LCX011AM Datasheet HTML 4Page - Sony Corporation LCX011AM Datasheet HTML 5Page - Sony Corporation LCX011AM Datasheet HTML 6Page - Sony Corporation LCX011AM Datasheet HTML 7Page - Sony Corporation LCX011AM Datasheet HTML 8Page - Sony Corporation LCX011AM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
– 1 –
LCX011AM
E96919A94-PS
3.6cm (1.43-inch) LCD Panel (with microlens)
Description
The LCX011AM is a 3.6cm diagonal active matrix
TFT-LCD panel addressed by polycrystalline silicon
super thin film transistors with built-in peripheral
driving circuit. This panel allows full-color representation
without color filters through the use of a microlens.
This panel provides a wide aspect ratio of 16:9,
such as those represented in HD. The built-in side-
black function also allows an aspect ratio of 4:3 in
the NTSC/PAL mode.
This panel has a polysilicon TFT high-speed scanner
and built-in function to display images up/down
and/or right/left inverse. The built-in 5V interface
circuit leads to lower voltage of timing and control
signals.
Features
• The number of active dots: 768,000 (1.43-inch; 3.6cm in diagonal)
• Horizontal resolution: 600TV lines
• Effective aperture ratio: 70% (reference value)
• High contrast ratio with normally white mode: 200 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• NTSC/NTSC-WIDE/HD (band: 20MHz) mode selectable
(PAL/PAL-WIDE mode also available through conversion of scanned dot numbers by an external IC)
• Up/down and/or right/left inverse display function
• Side-black function
• 16:9 and 4:3 aspect-ratio switching function
Element Structure
• Dots
16:9 display: 1599.5 (H)
× 480 (V) = 767,760
4:3 display: 1199.5 (H)
× 480 (V) = 575,760
• Built-in peripheral driver using polycrystalline silicon super thin film transistors.
Applications
Liquid crystal projectors, etc.
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
For the availability of this product, please contact the sales office.


Similar Part No. - LCX011AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX012BL SONY-LCX012BL Datasheet
381Kb / 21P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016 SONY-LCX016 Datasheet
486Kb / 24P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016 SONY-LCX016 Datasheet
419Kb / 22P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
3.3cm (1.3-inch) Black-and-White LCD Panel
More results

Similar Description - LCX011AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
3.4cm (1.35-inch) Color LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX019AM SONY-LCX019AM Datasheet
304Kb / 22P
3.4cm (1.32-inch) LCD Panel (with microlens)
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
1.8cm (0.7-inch) Color LCD Panel
LCX021AM SONY-LCX021AM Datasheet
317Kb / 24P
4.1cm (1.6-inch) LCD Panel (with microlens)
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
4.6cm (1.8-inch) Black-and-White LCD Panel
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
5,7 LCD CONTROL PANEL WITH TOUCH PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com