Electronic Components Datasheet Search
  English  ▼

X  

LCX011AM Datasheet(PDF) 3 Page - Sony Corporation

Part # LCX011AM
Description  3.6cm (1.43-inch) LCD Panel (with microlens)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX011AM Datasheet(HTML) 3 Page - Sony Corporation

  LCX011AM Datasheet HTML 1Page - Sony Corporation LCX011AM Datasheet HTML 2Page - Sony Corporation LCX011AM Datasheet HTML 3Page - Sony Corporation LCX011AM Datasheet HTML 4Page - Sony Corporation LCX011AM Datasheet HTML 5Page - Sony Corporation LCX011AM Datasheet HTML 6Page - Sony Corporation LCX011AM Datasheet HTML 7Page - Sony Corporation LCX011AM Datasheet HTML 8Page - Sony Corporation LCX011AM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
– 3 –
LCX011AM
Absolute Maximum Ratings (VSS = 0 V)
• H driver supply voltage
HVDD
–1.0 to +20
V
• V driver supply voltage
VVDD
–1.0 to +20
V
• Analog block drive supply voltage
AVDD
–1.0 to +20
V
• Common pad voltage
COM
–1.0 to +17
V
• H shift register input pin voltage
HST, HCK1, HCK2
–1.0 to +17
V
RGT, WID
• V shift register input pin voltage
VST, VCK, PCG
–1.0 to +17
V
ENB, DWN
• Video signal input pin voltage
SIG1, SIG2, SIG3, SIG4
–1.0 to +15
V
SIG5, SIG6, SID
• Operating temperature
Topr
–10 to +70
°C
• Storage temperature
Tstg
–30 to +85
°C
Operating Conditions (VSS = 0V)
• Supply voltage
HVDD
13.5 ± 0.3
V
VVDD
13.5 ± 0.3
V
AVDD
15.5 ± 0.3
V
• Input pulse voltage (Vp-p of all input pins except video signal and side black signal input pins)
Vin
5.0 ± 0.5
V
Pin Description
Pin
No.
1
2
3
4
5
6
7
8
9
10
11
12
COM
VSSG
SID
SIG1 (G1)
SIG2 (R1)
SIG3 (B1)
SIG4 (G2)
SIG5 (R2)
SIG6 (B2)
AVDD
HVDD
WID
13
14
15
16
17
18
19
20
21
22
23
24
RGT
HST
HCK1
HCK2
VSS
ENB
VCK
VST
DWN
PCG
VVDD
TEST
Drive direction pulse for H shift
register (H: normal, L: reverse)
Start pulse for H shift register
drive
Clock pulse for H shift register
drive
Clock pulse for H shift register
drive
GND (H, V drivers)
Enable pulse for gate selection
Clock pulse for V shift register
drive
Start pulse for V shift register
drive
Drive direction pulse for V shift
register (H: normal, L: reverse)
Improvement pulse (2) for
uniformity
Power supply for V driver
Test; Open
Common voltage of panel
Analog block GND
Side black signal for 4:3 display
Video signal 1 (G) to panel
Video signal 2 (R) to panel
Video signal 3 (B) to panel
Video signal 4 (G) to panel
Video signal 5 (R) to panel
Video signal 6 (B) to panel
Analog block power supply
Power supply for H driver
Aspect-ratio switching
(H: 16:9, L: 4:3)
Symbol
Description
Pin
No.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com