Electronic Components Datasheet Search
  English  ▼

X  

LCX016AM Datasheet(PDF) 12 Page - Sony Corporation

Part # LCX016AM
Description  3.3cm (1.3-inch) Black-and-White LCD Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX016AM Datasheet(HTML) 12 Page - Sony Corporation

Back Button LCX016AM Datasheet HTML 8Page - Sony Corporation LCX016AM Datasheet HTML 9Page - Sony Corporation LCX016AM Datasheet HTML 10Page - Sony Corporation LCX016AM Datasheet HTML 11Page - Sony Corporation LCX016AM Datasheet HTML 12Page - Sony Corporation LCX016AM Datasheet HTML 13Page - Sony Corporation LCX016AM Datasheet HTML 14Page - Sony Corporation LCX016AM Datasheet HTML 15Page - Sony Corporation LCX016AM Datasheet HTML 16Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
– 12 –
LCX016AM
2. Optical Transmittance
Optical Transmittance (T) is given by the following formula (2).
White luminance
T =
× 100 [%] ... (2)
Luminance of light source
"White luminance" means the maximum luminance on the screen at the input signal amplitude VAC = 0.5V
on Measurement System I.
3. V-T Characteristics
V-T characteristics, or the relationship between signal
amplitude and the transmittance of the panels, are
measured by System II by inputting the same signal
amplitude VAC to each input pin. V90, V50, and V10
correspond to the voltages which define 90%, 50%,
and 10% of transmittance respectively.
4. Response Time
Response time ton and toff are defined by
formulas (5) and (6) respectively.
ton = t1 – tON ...(5)
toff = t2 – tOFF ...(6)
t1: time which gives 10% transmittance of
the panel.
t2: time which gives 90% transmittance of
the panel.
The relationships between t1, t2, tON and
tOFF are shown in the right figure.
90
50
10
V90
V50 V10
VAC – Signal amplitude [V]
Input signal voltage (Waveform applied to the measured pixels)
4.5V
0.5V
7.0V
0V
Optical transmittance output waveform
100%
90%
10%
0%
tON
t1
ton
tOFF
t2
toff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com