Electronic Components Datasheet Search
  English  ▼

X  

LCX016AM Datasheet(PDF) 16 Page - Sony Corporation

Part # LCX016AM
Description  3.3cm (1.3-inch) Black-and-White LCD Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX016AM Datasheet(HTML) 16 Page - Sony Corporation

Back Button LCX016AM Datasheet HTML 12Page - Sony Corporation LCX016AM Datasheet HTML 13Page - Sony Corporation LCX016AM Datasheet HTML 14Page - Sony Corporation LCX016AM Datasheet HTML 15Page - Sony Corporation LCX016AM Datasheet HTML 16Page - Sony Corporation LCX016AM Datasheet HTML 17Page - Sony Corporation LCX016AM Datasheet HTML 18Page - Sony Corporation LCX016AM Datasheet HTML 19Page - Sony Corporation LCX016AM Datasheet HTML 20Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
– 16 –
LCX016AM
VST (DWN = H)
VST (DWN = L)
(1.3) PAL
VD
12
Vertical display cycle 572H
VCK
3
4
569
570 571 572
VST (DWN = H)
VST (DWN = L)
(1.2) SVGA
Vertical display cycle 600H
VD
12
VCK
34
597 598
599 600
VD
VST (DWN = H)
12
Vertical display cycle 624H
VCK
3
4
621 622 623 624
(1.1) MAC17
VST (DWN = L)
VD
12
Vertical display cycle 480H
VCK
3
4
477 478 479 480
(1.4) VGA/NTSC
VD
12
Vertical display cycle 400H
VCK
3
4
397 398 399 400
(1.5) PC98
VST (DWN = H)
VST (DWN = L)
VST (DWN = H)
VST (DWN = L)
(1) Vertical direction display cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com