Electronic Components Datasheet Search
  English  ▼

X  

LCX016AM Datasheet(PDF) 8 Page - Sony Corporation

Part # LCX016AM
Description  3.3cm (1.3-inch) Black-and-White LCD Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX016AM Datasheet(HTML) 8 Page - Sony Corporation

Back Button LCX016AM Datasheet HTML 4Page - Sony Corporation LCX016AM Datasheet HTML 5Page - Sony Corporation LCX016AM Datasheet HTML 6Page - Sony Corporation LCX016AM Datasheet HTML 7Page - Sony Corporation LCX016AM Datasheet HTML 8Page - Sony Corporation LCX016AM Datasheet HTML 9Page - Sony Corporation LCX016AM Datasheet HTML 10Page - Sony Corporation LCX016AM Datasheet HTML 11Page - Sony Corporation LCX016AM Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
– 8 –
LCX016AM
<Vertical Shift Register Driving Waveform>
VCK
ENB
Vck rise time
Vck fall time
Enb rise time
Enb fall time
Vck rise/fall to Enb rise
time
Enb pulse width
trVck
tfVck
trEnb
tfEnb
tdEnb
twEnb
Item
Symbol
Waveform
Conditions
Vck
10%
10%
90%
90%
trVckn
tfVckn
90%
90%
10%
10%
tfEn
trEn
Enb
Enb
50%
50%
50%
twEnb
tdEnb
Vck
∗6
PCG∗7
Pcg rise time
trPcg
Pcg fall time
tfBlk
Pcg rise to Vck rise/fall
time
toVst
Pcg pulse width
twBlk
BLK
Blk rise time
trPcg
Blk fall time
tfPcg
Blk fall to Vst rise time
Blk pulse width
toVck
twBlk
Pcg
50%
50%
50%
twPcg
toVck
Vck
∗6
Blk
50%
50%
toVst
Vst
∗6
50%
twBlk
∗7 Input the pulse obtained by taking the OR of the above pulse (PCG) and BLK to the PCG input pin.
Vst rise time
VST
Vst fall time
Vst data set-up time
Vst data hold time
trVst
tfVst
tdVst
thVst
90%
10%
10%
90%
Vst
trVst
tfVst
50%
50%
∗6
Vst
Vck
tdVst
thVst
50%
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com