Electronic Components Datasheet Search
  English  ▼

X  

LCX019AM Datasheet(PDF) 12 Page - Sony Corporation

Part # LCX019AM
Description  3.4cm (1.32-inch) LCD Panel (with microlens)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX019AM Datasheet(HTML) 12 Page - Sony Corporation

Back Button LCX019AM Datasheet HTML 8Page - Sony Corporation LCX019AM Datasheet HTML 9Page - Sony Corporation LCX019AM Datasheet HTML 10Page - Sony Corporation LCX019AM Datasheet HTML 11Page - Sony Corporation LCX019AM Datasheet HTML 12Page - Sony Corporation LCX019AM Datasheet HTML 13Page - Sony Corporation LCX019AM Datasheet HTML 14Page - Sony Corporation LCX019AM Datasheet HTML 15Page - Sony Corporation LCX019AM Datasheet HTML 16Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
– 12 –
LCX019AM
2. Effective aperture ratio
Measure the luminances below on the screen in System I, and calculate the effective aperture ratio using
the following formula (2).
Luminance for panel with microlens
× (TFT aperture ratio) × 100 [%] ...... (2)
Luminance for panel without microlens
3. V-T characteristics
V-T characteristics, the relationship between signal
amplitude and the transmittance of the panels, are
measured by System II. V90, V50 and V10 correspond
to the each voltage which defines 90%, 50% and 10%
of transmittance respectively.
The angles of incidence for R, G and B are as shown
in the diagram below.
Red:
Center: Vertical
Green: Left:
7.75 ± 0.5°
Blue:
Right:
7.75 ± 0.5°
4. Response time
Response time ton and toff are defined by
the formulas (3) and (4) respectively.
ton = t1 – tON ...... (3)
toff = t2 – tOFF ...... (4)
t1: time which gives 10% transmittance of
the panel.
t2: time which gives 90% transmittance of
the panel.
The relationships between t1, t2, tON and
tOFF are shown in the right figure.
90
50
10
V90
V50 V10
VAC – Signal amplitude [V]
Input signal voltage (waveform applied to the measured pixels)
4.5V
0.5V
7.0V
0V
Optical transmission output waveform
100%
90%
10%
0%
tON
t1
ton
tOFF
t2
toff
Center
Right
Left
Pad
Optimum angle of
incidence 7.75 ± 0.5°
Optimum angle of
incidence 7.75 ± 0.5°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com