Electronic Components Datasheet Search
  English  ▼

X  

LCX019AM Datasheet(PDF) 20 Page - Sony Corporation

Part # LCX019AM
Description  3.4cm (1.32-inch) LCD Panel (with microlens)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX019AM Datasheet(HTML) 20 Page - Sony Corporation

Back Button LCX019AM Datasheet HTML 14Page - Sony Corporation LCX019AM Datasheet HTML 15Page - Sony Corporation LCX019AM Datasheet HTML 16Page - Sony Corporation LCX019AM Datasheet HTML 17Page - Sony Corporation LCX019AM Datasheet HTML 18Page - Sony Corporation LCX019AM Datasheet HTML 19Page - Sony Corporation LCX019AM Datasheet HTML 20Page - Sony Corporation LCX019AM Datasheet HTML 21Page - Sony Corporation LCX019AM Datasheet HTML 22Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
– 20 –
LCX019AM
Notes on Operation
(1) Lighting spectrum and intensity
Use only visible light with a wavelength
λ = 415 to 780nm as a light source. Light with a wavelength λ > 780nm
(infrared light) will produce unwanted temperature rises. Light with a wavelength
λ < 415nm (ultraviolet
light) will produce irreversible changes in the display characteristics. To prevent this, be sure to mount
UV/IR cut filters between the LCX019AM and the light source as necessary depending on the light source.
The lighting intensity should be 1 million lux or less, and the panel surface temperature should not exceed
55°C.
(2) Lighting optical system
Care should be taken for the following points concerning the optical system mounted on the LCX019AM.
1) Light reflected from the optical system to the panel should be 20,000 lux or less.
2) Particular care should be taken for the panel incident angle distribution when designing optical systems
for use with the LCX019AM.
3) The panel surface temperature distribution should not exceed 10°C.
4) Light should shine only on the effective display area within the LCD panel and not on other unnecessary
locations. Leakage light may produce unwanted temperature rises.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com